Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69101 Datasheet(PDF) 22 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PD69101 Datasheet HTML 18Page - Microchip Technology PD69101 Datasheet HTML 19Page - Microchip Technology PD69101 Datasheet HTML 20Page - Microchip Technology PD69101 Datasheet HTML 21Page - Microchip Technology PD69101 Datasheet HTML 22Page - Microchip Technology PD69101 Datasheet HTML 23Page - Microchip Technology PD69101 Datasheet HTML 24Page - Microchip Technology PD69101 Datasheet HTML 25Page - Microchip Technology PD69101 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
4.2
Thermal Specifications
The following table lists the thermal specifications for the PD69101 device.
Table 4-3. Thermal Specifications
Parameter
Value
Typical thermal resistance: junction to ambient
25 °C/W
Typical thermal resistance: junction to case
4 °C/W
Typical thermal resistance: junction to board
2 °C/W
The θJA numbers are guidelines for the thermal performance of the device/pc-board system. All specifications
assume no ambient airflow.
4.3
Tape and Reel—Packaging Information
The following section provides the tape and reel packaging information. The following figure shows the tape
specification.
Figure 4-3. Tape Specification
The following table lists the tape mechanical data.
Table 4-4. Tape Mechanical Data
Dimension
Millimeters
A0
4.25 ±0.10
B0
5.40 ±0.10
K0
1.20 ±0.10
K1
—
Pitch
8.00 ±0.10
PD69101
Package Specifications
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com