Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69101 Datasheet(PDF) 2 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 2 Page - Microchip Technology

  PD69101 Datasheet HTML 1Page - Microchip Technology PD69101 Datasheet HTML 2Page - Microchip Technology PD69101 Datasheet HTML 3Page - Microchip Technology PD69101 Datasheet HTML 4Page - Microchip Technology PD69101 Datasheet HTML 5Page - Microchip Technology PD69101 Datasheet HTML 6Page - Microchip Technology PD69101 Datasheet HTML 7Page - Microchip Technology PD69101 Datasheet HTML 8Page - Microchip Technology PD69101 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Features
The PD69101 device has the following key features.
• Fully AF and AT compliant
• Includes two-event classification
• Supports pre-standard PD detection
• Single DC voltage input (32V–57 VDC)
• Supports 2-pairs
• VMAIN out-of-range protection
• Wide temperature range: –40°C to 85°C
• Overtemperature protection
• Low thermal dissipation (0.5Ω sense resistor)
• Includes on/off command pin
• 2× direct LEDs drive
• Continuous port monitoring and system data
• Configurable load current setting
• Configurable AT/AF modes
• Configurable standard and legacy detection mode
• Power soft-start mechanism
• On-chip thermal protection
• Voltage monitoring and protection
• Built-in 3.3 VDC regulator
• Internal power-on-reset
• RoHS compliant
• Low Rdson FET: 0.3Ω
• MSL3
PD69101
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com