Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69101 Datasheet(PDF) 13 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PD69101 Datasheet HTML 9Page - Microchip Technology PD69101 Datasheet HTML 10Page - Microchip Technology PD69101 Datasheet HTML 11Page - Microchip Technology PD69101 Datasheet HTML 12Page - Microchip Technology PD69101 Datasheet HTML 13Page - Microchip Technology PD69101 Datasheet HTML 14Page - Microchip Technology PD69101 Datasheet HTML 15Page - Microchip Technology PD69101 Datasheet HTML 16Page - Microchip Technology PD69101 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Table 2-7. IEEE 802.3at Mode Parameters
Parameter
Symbol Conditions
Minimum Typical Maximum Unit
Automatic recovery from no
load shutdown
TUDLREC value, measured from port
shutdown point (can be modified
through control port)
1
sec
Cutoff timer accuracy
Typical accuracy of Tcut
2
ms
Inrush current
IInrsh
For t = 50 ms, Cload = 180 μF (max)
400
450
mA
Output current operating
range
IPORT
Continuous operation after startup
period
10
725
mA
Output power available
operating range
PPORT
Continuous operation after startup
period, at port output
0.57
36.25
W
Off-mode current
IMIN1
Must disconnect for T greater than
TUVL
0
5
mA
IMIN2
May or may not disconnect when T is
greater than TUVL
5
7.5
10
mA
PD power maintenance
request drop-out time limit
TPMDO
Buffer period to handle transitions
300
400
ms
Over-load current detection
range
ICUT
Time limited to TOVL
600
mA
Over-load time limit
TOVL
50
75
ms
Turn-on rise time
TRISE
From 10% to 90% of Vport (specified
for PD load consisting of 100 μF
capacitor in parallel to 200 Ω).
15
μs
Turn-off time
TOFF
From VPORT to 2.8 VDC
500
ms
Time maintain power
signature
TMPS
DC modulation time for DC
disconnect
49
ms
2.2
Absolute Maximum Ratings
The following table lists the absolute maximum ratings for the PD69101. Exceeding these ratings can cause damage
to the device. Pin Port_Sense is ESD sensitive and passes 500V HBM. All voltages are with respect to ground.
Currents are marked positive when flowing into a specified terminal and marked negative when flowing out of a
specified terminal.
Table 2-8. Absolute Maximum Ratings
Parameter
Rating
Supply input voltage (VMAIN)
–0.3 VDC to 74 VDC
Port_Neg pin, LED0, LED1
–0.3 VDC to 74 VDC
Port_Sense pin
–0.3 VDC to 3.6 VDC
QGND, AGND pins
–0.3 VDC to 0.3 VDC
VAUX5
–0.3 V to 5.5V
All other pins
–0.3 VDC to 3.6 VDC
Operating ambient temperature range
–40 °C to 85 °C
PD69101
Electrical Specifications
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com