Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69101 Datasheet(PDF) 12 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PD69101 Datasheet HTML 8Page - Microchip Technology PD69101 Datasheet HTML 9Page - Microchip Technology PD69101 Datasheet HTML 10Page - Microchip Technology PD69101 Datasheet HTML 11Page - Microchip Technology PD69101 Datasheet HTML 12Page - Microchip Technology PD69101 Datasheet HTML 13Page - Microchip Technology PD69101 Datasheet HTML 14Page - Microchip Technology PD69101 Datasheet HTML 15Page - Microchip Technology PD69101 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Table 2-5. LED0 and LED1 Drivers
Parameter
Symbol
Typical
Maximum
Unit
Current sink
ISINK (from VMAIN to
AGND)
3
5
mA
2.1
Dynamic Characteristics
The PD69101 device utilizes three current level thresholds (IMIN, ICUT, and ILIM) and three timers (TMIN, TCUT, and
TLIM).
• Loads that consume ILIM current for more than TLIM are labeled as short circuit state and shut down.
• Loads that dissipate more than ICUT for longer than TCUT are labeled as overloads and are shut down.
• If output power is below IMIN for more than TMIN, the PD is labeled as no load and is shut down.
Automatic recovery from overload and no load conditions is attempted every TOVLREC periods (typically one
second). Output power is limited to ILIM, which is a maximum peak current allowed at the port.
Table 2-6. IEEE 802.3 af Mode Parameters
Parameter
Symbol Conditions
Minimum Typical Maximum Unit
Automatic recovery from no
load shutdown
—
TUDLREC value, measured from port
shutdown point (can be modified
through control port)
—
1
—
sec
Cutoff timer accuracy
—
Typical accuracy of Tcut
—
2
—
ms
Inrush current
IInrsh
For t = 50 ms, Cload = 180 μF (max)
400
—
450
mA
Output current operating
range
IPORT
Continuous operation after startup
period
10
—
375
mA
Output power available
operating range
PPORT
Continuous operation after startup
period, at port output
0.57
—
15.4
W
Off-mode current
IMIN1
Must disconnect for T greater than
TUVL
0
—
5
mA
IMIN1
May or may not disconnect when T is
greater than TUVL
5
7.5
10
mA
PD power maintenance
request drop-out time limit
TPMDO
Buffer period to handle transitions
300
—
400
ms
Over-load current detection
range
ICUT
Time limited to TOVL
350
—
400
mA
Over-load time limit
TOVL
—
50
—
75
ms
Turn-on rise time
TRISE
From 10% to 90% of Vport (specified
for PD load consisting of 100 μF
capacitor in parallel to 200 Ω)
15
—
—
μs
Turn-off time
TOFF
From VPORT to 2.8 VDC
—
—
500
ms
Time maintain power
signature
TMPS
DC modulation time for DC
disconnect
—
49
—
ms
PD69101
Electrical Specifications
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com