Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 18 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 18 Page - Microchip Technology

Back Button LP2951 Datasheet HTML 14Page - Microchip Technology LP2951 Datasheet HTML 15Page - Microchip Technology LP2951 Datasheet HTML 16Page - Microchip Technology LP2951 Datasheet HTML 17Page - Microchip Technology LP2951 Datasheet HTML 18Page - Microchip Technology LP2951 Datasheet HTML 19Page - Microchip Technology LP2951 Datasheet HTML 20Page - Microchip Technology LP2951 Datasheet HTML 21Page - Microchip Technology LP2951 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LP2951
DS20005736B-page 18
2017 - 2022 Microchip Technology Inc. and its subsidiaries
4.0
APPLICATION INFORMATION
4.1
External Capacitors
A 1.0 µF (or greater) capacitor is required between the
LP2951 output and ground to prevent oscillations due
to instability. Most types of tantalum or aluminum
electrolytics will be adequate; film types will work, but
are costly and therefore not recommended. Many
aluminum electrolytics have electrolytes that freeze at
about –30°C, so solid tantalum capacitors are
recommended for operation below –25°C. The
important parameters of the capacitor are an effective
series resistance of about 5Ω or less and a resonant
frequency above 500 kHz. The value of this capacitor
may be increased without limit.
At lower values of output current, less output
capacitance is required for output stability. The
capacitor can be reduced to 0.33 µF for current below
10 mA or 0.1 µF for currents below 1 mA. Using the
8-pin versions at voltages below 5V runs the error
amplifier at lower gains so that more output
capacitance is needed. For the worst-case situation of
a 100 mA load at 1.23V output (Output shorted to
Feedback) a 3.3 µF (or greater) capacitor should be
used.
When the 5V Tap pin and Feedback pin are connected
together for 5V output voltage, the LP2951 will remain
stable and in regulation with no load in addition to the
internal voltage divider, unlike many other voltage
regulators. This is especially important in CMOS RAM
keep-alive applications. When setting the output
voltage of the LP2951 with external resistors, a
minimum load of 1 µA is recommended.
A 0.1 µF capacitor should be placed from the LP2951
input to ground if there is more than 10 inches of wire
between the input and the AC filter capacitor or if a
battery is used as the input.
Stray capacitance to the LP2951 Feedback terminal
(pin 7) can cause instability. This may especially be a
problem when using high value external resistors to set
the output voltage. Adding a 100 pF capacitor between
Output and Feedback and increasing the output
capacitor to at least 3.3 µF will remedy this.
4.2
Error Detection Comparator
Output
A logic low output will be produced by the comparator
whenever the LP2951 output falls out of regulation by
more than approximately 5%. This figure is the
comparator’s built-in offset of about 60mV divided by
the 1.235V reference voltage. (Refer to the Functional
Block Diagram). This trip level remains “5% below
normal” regardless of the programmed output voltage
of the LP2951. For example, the error flag trip level is
typically 4.75V for a 5V output or 11.4V for a 12V
output. The out of regulation condition may be due
either to low input voltage, current limiting, or thermal
limiting.
Figure 4-1 is a timing diagram depicting the ERROR
signal and the regulated output voltage as the LP2951
input is ramped up and down. The ERROR signal
becomes valid (low) at about 1.3V input. It goes high at
about 5V input (the input voltage at which VOUT =
4.75V). Because the LP2951’s dropout voltage is
load-dependent (see curve in Typical Performance
Curves), the input voltage trip point (about 5V) will vary
with the load current. The output voltage trip point
(approximately 4.75V) does not vary with load.
The error comparator has an open-collector output
which requires an external pull-up resistor. Depending
on system requirements, this resistor may be returned
to the 5V output or some other supply voltage. In
determining a value for this resistor, note that while the
output is rated to sink 400 µA, this sink current adds to
battery drain in a low battery condition. Suggested
values range from 100 kΩ to 1 MΩ. The resistor is not
required if this output is unused.
4.3
Programming the Output Voltage
The LP2951 may be pin-strapped for 5V output voltage
using its internal voltage divider, by tying Pin 1 (VOUT)
and Pin 2 (SENSE) together, as well as tying Pin 7
(Feedback) and Pin 6 (5V TAP) together. Alternatively,
it may be programmed for any output voltage between
its 1.235V reference and its 30V maximum rating. An
external pair of resistors is required, as shown in
Figure 4-2.
The complete equation for the output voltage is:
EQUATION 4-1:
The minimum recommended load current of 1 µA
forces an upper limit of 1.2 MΩ on the value of R2, if the
regulator must work with no load (a condition often
found in CMOS in standby), IFB will produce a 2%
typical error in VOUT which may be eliminated at room
temperature by trimming R1. For better accuracy,
choosing R2 = 100 kΩ reduces this error to 0.17%
while increasing the resistor program current to 12 µA.
Since the LP2951 typically draws 60 µA at no load with
Pin 2 open-circuited, this is a small price to pay.
Where:
VREF
= the nominal 1.235 reference voltage
IFB
=
the feedback pin bias current,
nominally 20 nA
VOUT VREF
1
R1
R2
------
+
IFBR2
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com