Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 5 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 5 Page - Microchip Technology

  LP2951 Datasheet HTML 1Page - Microchip Technology LP2951 Datasheet HTML 2Page - Microchip Technology LP2951 Datasheet HTML 3Page - Microchip Technology LP2951 Datasheet HTML 4Page - Microchip Technology LP2951 Datasheet HTML 5Page - Microchip Technology LP2951 Datasheet HTML 6Page - Microchip Technology LP2951 Datasheet HTML 7Page - Microchip Technology LP2951 Datasheet HTML 8Page - Microchip Technology LP2951 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005736B-page 5
LP2951
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings † ††
Power Dissipation .................................................................................................................................. Internally Limited
Lead Temperature (soldering, 5 sec.) ..................................................................................................................... 260°C
Storage Temperature ............................................................................................................................. –65°C to +150°C
Operating Junction Temperature Range(Note 1)
LP2951................................................................................................................................................... –40°C to +125°C
Input Supply Voltage .....................................................................................................................................–0.3 to +30V
Feedback Input Voltage(Note 2, 3) ..............................................................................................................–1.5 to +30V
Shutdown Input Voltage(Note 2) ...................................................................................................................–0.3 to +30V
Error Comparator Output Voltage(Note 2) ....................................................................................................–0.3 to +30V
† Notice: Boldface limits apply at temperature extremes.
†† Notice: If Military/Aerospace specified devices are required, contact your local representative/distributor for
availability and specifications.
Note 1: The thermal resistance of the 8-pin DIP package is 105°C/W junction-to-ambient when soldered directly to
a PC board. Junction-to-ambient thermal resistance for the SOIC (M) package is 160°C/W.
2: May exceed input supply voltage.
3: When used in dual-supply systems where the output terminal sees loads returned to a negative supply, the
output voltage should be diode-clamped to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com