Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 13 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 13 Page - Microchip Technology

Back Button LP2951 Datasheet HTML 9Page - Microchip Technology LP2951 Datasheet HTML 10Page - Microchip Technology LP2951 Datasheet HTML 11Page - Microchip Technology LP2951 Datasheet HTML 12Page - Microchip Technology LP2951 Datasheet HTML 13Page - Microchip Technology LP2951 Datasheet HTML 14Page - Microchip Technology LP2951 Datasheet HTML 15Page - Microchip Technology LP2951 Datasheet HTML 16Page - Microchip Technology LP2951 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005736B-page 13
LP2951
FIGURE 2-7:
Quiescent Current.
FIGURE 2-8:
Ground Current.
FIGURE 2-9:
Ground Current.
.
FIGURE 2-10:
Short Circuit Current.
FIGURE 2-11:
Dropout Voltage.
FIGURE 2-12:
Dropout Voltage.
240
220
200
180
-75 -50 -25 0 25 50 75 100 125 150
V = 6V
I = 100 μA
IN
L
TEMPERATURE (°C)
16
12
8
4
-75 -50 -25 0 25 50 75 100 125 150
V = 6V
I = 100 mA
IN
L
TEMPERATURE (°C)
16
14
12
10
8
6
4
2
0
0
1
2
3
45
678
I = 100 mA
L
INPUT VOLTAGE (V)
170
160
150
140
130
120
110
100
-75 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (°C)
600
500
400
300
100
50
0
-75 -50 -25 0 25 50 75 100 125 150
I = 100 mA
L
I = 100 μA
L
TEMPERATURE (°C)
500
400
300
200
100
0
100 μA
1 mA
10 mA
100 mA
T = 25 °C
J
OUTPUT CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com