Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 16 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 16 Page - Microchip Technology

Back Button LP2951 Datasheet HTML 12Page - Microchip Technology LP2951 Datasheet HTML 13Page - Microchip Technology LP2951 Datasheet HTML 14Page - Microchip Technology LP2951 Datasheet HTML 15Page - Microchip Technology LP2951 Datasheet HTML 16Page - Microchip Technology LP2951 Datasheet HTML 17Page - Microchip Technology LP2951 Datasheet HTML 18Page - Microchip Technology LP2951 Datasheet HTML 19Page - Microchip Technology LP2951 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LP2951
DS20005736B-page 16
2017 - 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-25:
Ripple Rejection.
FIGURE 2-26:
Output Noise.
FIGURE 2-27:
Divider Resistance.
FIGURE 2-28:
Shutdown Threshold
Voltage.
FIGURE 2-29:
Line Regulation.
FIGURE 2-30:
Thermal Response.
80
70
60
50
40
30
20
10
10
10
10
10
10
10
12
34
5
6
FREQUENCY (Hz)
I = 50 μA
L
C = 1 μF
V = 6V
V
= 5V
IN
L
OUT
I = 100 mA
L
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
10
10
10
10
23
4
5
FREQUENCY (Hz)
0.01 μF
BYPASS
PIN 1 TO
PIN 7
C = 220 μF
I = 100 mA
L
L
C = 1 μF
L
C =
3.3 μF
L
400
300
200
100
0
-75 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (°C)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-75 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (°C)
30
25
20
0
10
0
-10
5
10
152025
30
15
10
5
5
-5
INPUT VOLTAGE (V)
I = 100 μA
L
I = 1 mA
L
I = 100 μA
L
T = 150°C
J
T = 125°C
J
5
4
2
0
-2
1
-1
0
010
20
50
30
40
1.25W
TIME (μs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com