Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 14 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 14 Page - Microchip Technology

Back Button LP2951 Datasheet HTML 10Page - Microchip Technology LP2951 Datasheet HTML 11Page - Microchip Technology LP2951 Datasheet HTML 12Page - Microchip Technology LP2951 Datasheet HTML 13Page - Microchip Technology LP2951 Datasheet HTML 14Page - Microchip Technology LP2951 Datasheet HTML 15Page - Microchip Technology LP2951 Datasheet HTML 16Page - Microchip Technology LP2951 Datasheet HTML 17Page - Microchip Technology LP2951 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LP2951
DS20005736B-page 14
2017 - 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-13:
Minimum Operating Voltage.
FIGURE 2-14:
Feedback Bias Current.
FIGURE 2-15:
Feedback Pin Current.
FIGURE 2-16:
Error Comparator Output.
FIGURE 2-17:
Comparator Sink Current.
FIGURE 2-18:
Line Transient Response.
2.2
2.0
1.9
1.6
TEMPERATURE (°C)
2.1
1.8
1.7
-75 -50 -25 0 25 50 75 100 125 150
-30
-20
-10
0
10
20
-75 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (°C)
-250
-200
-150
-100
-50
0
50
-2.0 -1.5 -1.0 -0.5
0
0.5
1.0
T = 125°C
A
FEEDBACK VOLTAGE (V)
PIN 7 DRIVEN BY EXTERNAL
SOURCE (REGULATOR RUN
OPEN LOOP)
T = 25°C
A
T = –55°C
A
8
6
4
2
0
-2
01
2
3
4
5
INPUT VOLTAGE (V)
V
= 5V
OUT
HYSTERESIS
PULLUP RESISTOR TO
SEPARATE 5V SUPPLY
2.5
2.0
1.5
1.0
0.5
0.0
OUTPUT LOW VOLTAGE (V)
T = 125°C
A
T = 25°C
A
T = -55°C
A
0.1
0.3
0.5
0.7
0.9
0
50
mV
100
mV
0
200
400
600
800
TIME (μs)
-50
mV
8V
6V
4V
C = 1 μF
I = 1 mA
V
= 5V
L
OUT
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com