Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 25 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 25 Page - Microchip Technology

Back Button LP2951 Datasheet HTML 21Page - Microchip Technology LP2951 Datasheet HTML 22Page - Microchip Technology LP2951 Datasheet HTML 23Page - Microchip Technology LP2951 Datasheet HTML 24Page - Microchip Technology LP2951 Datasheet HTML 25Page - Microchip Technology LP2951 Datasheet HTML 26Page - Microchip Technology LP2951 Datasheet HTML 27Page - Microchip Technology LP2951 Datasheet HTML 28Page - Microchip Technology LP2951 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005736B-page 25
LP2951
APPENDIX A: REVISION HISTORY
Revision A (May 2017)
• Converted Micrel document LP2951 to Microchip
data sheet template DS20005736A.
• Minor grammatical text changes throughout.
Revision B (February 2022)
• Updated Package Marking Information drawing to
reflect the most current marking information.
• Added symbol information to the Symbol column
of the Electrical Characteristics table.
• Minor text changes throughout for clarity.
• Added Media Type information to the Product
Identification System section.
• Removed examples in the Electrical Characteris-
tics table pertaining to the no longer manufactured
4.8V option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com