Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 4 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 4 Page - Microchip Technology

  LP2951 Datasheet HTML 1Page - Microchip Technology LP2951 Datasheet HTML 2Page - Microchip Technology LP2951 Datasheet HTML 3Page - Microchip Technology LP2951 Datasheet HTML 4Page - Microchip Technology LP2951 Datasheet HTML 5Page - Microchip Technology LP2951 Datasheet HTML 6Page - Microchip Technology LP2951 Datasheet HTML 7Page - Microchip Technology LP2951 Datasheet HTML 8Page - Microchip Technology LP2951 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LP2951
DS20005736B-page 4
2017 - 2022 Microchip Technology Inc. and its subsidiaries
For values shown, Regulator shuts down when V
IN
< 5.5V and turns on again at 6.0V. Current drain in disconnected mode is 150 μA.
* Sets disconnect voltage
** Sets disconnect hysteresis
3
LP2951
SD
V
GND
4
1
8
OUT
+VIN
SENSE
2
NI-CAD
BACKUP
BATTERY
20Ω
+
+
1 μF
MAIN V+
MEMORY V+
LM385
1.5 kΩ**
–
100 kΩ
120kΩ
FB
6V
SEALED
LEAD-
ACID
BATTERY
SOURCE
+
≈ 400 kΩ*
FOR 5.5V
1N457
LOW BATTERY DISCONNECT
LM34 for 125°F Shutdown
LM35 for 125°C Shutdown
AUX. SHUTDOWN
INPUT
3
LP2951
SD
V
GND
4
5
8
OUT
+VIN
ERROR
1
7
RELAY
EXTERNAL CIRCUIT
PROTECTED FROM
OVER TEMPERATURE
(V+ GOES OFF WHEN
TEMP.> 125°)
OR
10 kΩ
5° PRE-SHUTDOWN FLAG
+V
IN
LM34 OR
LM35
TEMP.
SENSOR
8.2 kΩ
–
+
FB
OFF
ON
SYSTEM OVERTEMPERATURE
PROTECTION CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com