Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 7 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 7 Page - Microchip Technology

Back Button LP2951 Datasheet HTML 3Page - Microchip Technology LP2951 Datasheet HTML 4Page - Microchip Technology LP2951 Datasheet HTML 5Page - Microchip Technology LP2951 Datasheet HTML 6Page - Microchip Technology LP2951 Datasheet HTML 7Page - Microchip Technology LP2951 Datasheet HTML 8Page - Microchip Technology LP2951 Datasheet HTML 9Page - Microchip Technology LP2951 Datasheet HTML 10Page - Microchip Technology LP2951 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005736B-page 7
LP2951
Load Regulation
—
—
0.04
0.10
%
LP2951-02 (±0.5%), Note 2,
100 µA ≤ IL ≤ 100 mA
—
—
0.20
%
—
0.10
0.20
%
LP2951-03 (±1%), Note 2,
100 µA ≤ IL ≤ 100 mA
—
—
0.30
%
Dropout Voltage
VDO
—
50
80
mV
Note 4, IL = 100 µA
—
—
150
mV
—
380
450
mV
Note 4, IL = 100 mA
—
—
600
mV
Ground Current
IGND
—
100
150
µA
IL = 100 µA
—
—
200
µA
—
8
12
mA
IL = 100 mA
—
—
14
mA
Dropout Current
IDO
—
180
250
310
µA
µA
VIN = 4.5V, IL = 100 µA
Current Limit
ILIM
—
160
220
220
mA
mA
VOUT = 0V
Thermal Regulation
—
—
0.05
0.20
%/W
Note 5
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = +25°C
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by
the total temperature range.
2: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle.
Changes in output voltage due to heating effects are covered in the specification for thermal regulation.
3: Line regulation for the LP2951 is tested at 150°C for IL = 1 mA. For IL = 100 µA and TJ = 125°C, line regu-
lation is guaranteed by design to 0.2%. See Typical Performance Characteristics for line regulation versus
temperature and load current.
4: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV
below its nominal value measured at 1V differential. At very low values of programmed output voltage, the
minimum input supply voltage of 2V (2.3V over temperature) must be taken into account.
5: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipa-
tion is applied, excluding load or line regulation effects. Specifications are for a 50 mA load pulse at VIN =
30V (1.25W pulse) for t = 10 ms.
6: Comparator thresholds are expressed in terms of a voltage differential at the Feedback terminal below the
nominal reference voltage measured at 6V input. To express these thresholds in terms of output voltage
change, multiply by the error amplifier gain = VOUT/VREF =(R1 + R2)/R2. For example, at a programmed
output voltage of 5V, the Error output is guaranteed to go low when the output drops by 95 mV x
5V/1.235V = 384 mV. Thresholds remain constant as a percent of VOUT as VOUT is varied, with the drop-
out warning occurring at typically 5% below nominal, 7.5% guaranteed.
7: VREF ≤ VOUT ≤ (VIN – 1 V), 2.3V ≤ VIN ≤ 30V, 100 µA < IL ≤ 100 mA, TJ ≤ TJMAX.
8: Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by
the total temperature range.
9: VSHUTDOWN ≥ 2V, VIN ≤ 30V, VOUT = 0, with Feedback pin tied to 5V Tap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com