Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 1 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 1 Page - Microchip Technology

  LP2951 Datasheet HTML 1Page - Microchip Technology LP2951 Datasheet HTML 2Page - Microchip Technology LP2951 Datasheet HTML 3Page - Microchip Technology LP2951 Datasheet HTML 4Page - Microchip Technology LP2951 Datasheet HTML 5Page - Microchip Technology LP2951 Datasheet HTML 6Page - Microchip Technology LP2951 Datasheet HTML 7Page - Microchip Technology LP2951 Datasheet HTML 8Page - Microchip Technology LP2951 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005736B-page 1
LP2951
Features
• High Accuracy 5V, Guaranteed 100 mA Output
• Extremely Low Quiescent Current
• Low-Dropout Voltage
• Extremely Tight Load and Line Regulation
• Very Low Temperature Coefficient
• Use as Regulator or Reference
• Needs Only 1 μF for Stability
• Current and Thermal Limiting
• Error Flag Warns of Output Dropout
• Logic-Controlled Electronic Shutdown
• Output Programmable from 1.24V to 29V
Applications
• Automotive Electronics
• Voltage Reference
• Avionics
General Description
The LP2951 is micropower voltage regulators with very
low dropout voltage (typically 40 mV at light loads and
380 mV at 100 mA), and very low quiescent current
(75 μA typical). The quiescent current of the LP2951
increases only slightly in dropout, thus prolonging
battery life. This feature, among others, makes the
LP2951 ideally suited for use in battery-powered
systems.
Available system functions, such as programmable
output voltage and logic-controlled shutdown, are
available as well.
Additional features available with the LP2951 also
include an error flag output that warns of a low output
voltage, which is often due to failing batteries on the
input. This may also be used as a power-on reset. A
logic-compatible shutdown input is also available which
enables the regulator to be switched on and off. This
part may also be pin-strapped for a 5V output, or
programmed from 1.24V to 29V with the use of two
external resistors.
The LP2951 is available as either a -02 or -03 version.
The -02 and -03 versions are guaranteed for junction
temperatures from -40°C to +125°C; the -02 version
has a tighter output and reference voltage specification
range over temperature.
The LP2951 have a tight initial tolerance (0.5% typical),
a very low output voltage temperature coefficient which
allows use as a low-power voltage reference, and
extremely good load and line regulation (0.05%
typical). This greatly reduces the error in the overall
circuit, and is the result of careful design techniques
and process control.
Package Types
LP2951
DIP & SOIC
Top View
1
2
3
4
8
7
6
5
OUTPUT
SENSE
SHUTDOWN
GROUND
ERROR
5V TAP
FEEDBACK
INPUT
* See MIC2950 for a part with: 1) higher output
(150 mA), 2) transient protection (60V), and 3) reverse
input protection to –20V.
100 mA Low-Dropout Voltage Regulator


Similar Part No. - LP2951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2951 NSC-LP2951 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
logo
Semtech Corporation
LP2951 SEMTECH-LP2951 Datasheet
67Kb / 3P
150mA ADJUSTABLE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
LP2951 ADMOS-LP2951 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LP2951 FAIRCHILD-LP2951 Datasheet
46Kb / 10P
Adjustable Micro Power Voltage Regulator
logo
Calogic, LLC
LP2951 CALOGIC-LP2951 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
More results

Similar Description - LP2951

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLP2950 UTC-UTCLP2950 Datasheet
159Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
AMC2951 ETC-AMC2951 Datasheet
226Kb / 8P
100 MA LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_06 Datasheet
194Kb / 24P
100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
logo
Unisonic Technologies
LP2950 UTC-LP2950_05 Datasheet
95Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
LP2950 UTC-LP2950_09 Datasheet
294Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
LP2951ACDR2G ONSEMI-LP2951ACDR2G Datasheet
257Kb / 24P
100 mA, Low Power Low Dropout Voltage Regulator
September, 2011 ??Rev. 25
LP2951CDG ONSEMI-LP2951CDG Datasheet
277Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDG ONSEMI-LP2951ACDG Datasheet
277Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950 Datasheet
711Kb / 9P
100 mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com