Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 20 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 20 Page - Microchip Technology

Back Button LP2951 Datasheet HTML 16Page - Microchip Technology LP2951 Datasheet HTML 17Page - Microchip Technology LP2951 Datasheet HTML 18Page - Microchip Technology LP2951 Datasheet HTML 19Page - Microchip Technology LP2951 Datasheet HTML 20Page - Microchip Technology LP2951 Datasheet HTML 21Page - Microchip Technology LP2951 Datasheet HTML 22Page - Microchip Technology LP2951 Datasheet HTML 23Page - Microchip Technology LP2951 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LP2951
DS20005736B-page 20
2017 - 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 4-3:
Schematic Diagram.
FEEDBACK
SENSE
Q15A
OUT
Q24
Q26
R27
182 kΩ
5V TAP
R28
60 kΩ
R18
20 kΩ
Q25
Q23
Q22
R15
100 kΩ
R16
30 kΩ
Q29
Q28
R17
10 Ω
R21 8Ω
R17
12 kΩ
Q31
Q30
R23 60 kΩ
SHDN
R24
50 kΩ
R22
150
kΩ
Q21
Q19
C2
40 pF
Ω
R14
350
kΩ
Q14
R13
100
kΩ
Q18
R12
110
kΩ
Q20
Q9
Q15B
Q8
Q7
R11
20.6
kΩ
Q5
R8
31.4
kΩ
R10
150
kΩ
R9
27.8
kΩ
Q11
Q12
Q13
R6
140
kΩ
R5
180
kΩ
R4
13 kΩ
R3
50 kΩ
Q2
C1
20
pF
Ω
Q4
Q3
R11
18
kΩ
Q6
Q1
10
R1
20 kΩ
R2
50 kΩ
Q41
R30
30
kΩ
Q40
Q34
GND
Q36
Q37
R25
2.8 kΩ
Q38
ERROR
R26
50 kΩ
Q39
Q42
Q16
Q17
50 kΩ
10 kΩ
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com