Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 15 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 15 Page - Microchip Technology

Back Button LP2951 Datasheet HTML 11Page - Microchip Technology LP2951 Datasheet HTML 12Page - Microchip Technology LP2951 Datasheet HTML 13Page - Microchip Technology LP2951 Datasheet HTML 14Page - Microchip Technology LP2951 Datasheet HTML 15Page - Microchip Technology LP2951 Datasheet HTML 16Page - Microchip Technology LP2951 Datasheet HTML 17Page - Microchip Technology LP2951 Datasheet HTML 18Page - Microchip Technology LP2951 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005736B-page 15
LP2951
FIGURE 2-19:
Load Transient Response.
FIGURE 2-20:
Load Transient Response.
FIGURE 2-21:
Enable Transient.
FIGURE 2-22:
Output Impedance.
FIGURE 2-23:
Ripple Rejection.
FIGURE 2-24:
Ripple Rejection.
250
200
150
100
50
0
-50
-100
01
2
3
4
5
C = 1 μF
V
= 5V
L
OUT
TIME (ms)
100
mA
100
μA
TIME (ms)
80
048
12
16
20
60
40
20
0
-20
-40
-60
100
mA
100
μA
C = 10 μF
V
= 5V
L
OUT
7
6
5
4
3
2
1
0
-100
100
300
500
700
I = 10 mA
V = 8V
V
= 5V
L
2
0
-2
C = 10 μF
L
IN
OUT
TIME (μs)
L = 1 μF
L
10
5
2
1
0.5
0.2
0.1
0.05
10
100
1K
10K
100K
1M
FREQUENCY (Hz)
0.02
0.01
I = 100 μA
0
I = 1 mA
0
I = 100 mA
0
V
= 5V
C = 1 μF
L
OUT
FREQUENCY (Hz)
90
80
70
60
50
40
20
10
10
I = 0
L
I = 100 μA
L
30
10
10
10
10
13
4
6
C = 1 μF
V = 6V
V
= 5V
L
IN
OUT
2
70
60
50
40
30
20
C = 1 μF
V = 6V
V
= 5V
L
IN
OUT
I = 10 mA
L
I = 1 mA
L
80
90
10
10
FREQUENCY (Hz)
10
10
10
10
123
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com