Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L60F2 Datasheet(PDF) 61 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 57Page - STMicroelectronics SPC572L60F2 Datasheet HTML 58Page - STMicroelectronics SPC572L60F2 Datasheet HTML 59Page - STMicroelectronics SPC572L60F2 Datasheet HTML 60Page - STMicroelectronics SPC572L60F2 Datasheet HTML 61Page - STMicroelectronics SPC572L60F2 Datasheet HTML 62Page - STMicroelectronics SPC572L60F2 Datasheet HTML 63Page - STMicroelectronics SPC572L60F2 Datasheet HTML 64Page - STMicroelectronics SPC572L60F2 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 112 page
background image
DocID027866 Rev 5
61/112
SPC572Lx
Electrical characteristics
111
12. The LXRXOP[0] bit in the LFAST LVDS Control Register (LCR) must be set to one to ensure proper LFAST receive timing.
13. Total internal capacitance including receiver and termination, co-bonded GPIO pads, and package contributions.
Table 29. LFAST transmitter electrical characteristics(1)(2)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fDATA
SR
D
Data rate
—
—
—
320
Mbps
VOS
CC
P
Common mode voltage
—
1.08
—
1.32
V
|VOD|
CC
P
Differential output voltage swing
(terminated)(3)(4)
—
110
171
285
mV
tTR
CC
T
Rise/Fall time (absolute value of the
differential output voltage
swing)(3),(4)
—0.26
—
1.5
ns
CL
SR
D
External lumped differential load
capacitance(3)
VDD_HV_IO = 4.5 V
—
—
9.0
pF
VDD_HV_IO = 3.0 V
—
—
8.5
ILVDS_TX
CC
T
Transmitter DC current consumption Enabled
—
—
3.2
mA
1. The LFAST pad electrical characteristics are based on worst case internal capacitance values shown in Figure 17.
2. All LFAST LVDS pad electrical characteristics are valid from –40 °C to 150 °C.
3. Valid for maximum data rate fDATA. Value given is the capacitance on each terminal of the differential pair, as shown in
Figure 17.
4. Valid for maximum external load CL.
Table 30. MSC/DSPI LVDS transmitter electrical characteristics (1)(2)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Data Rate
fDATA
SR
D
Data rate
—
—
—
80
Mbps
VOS
CC
P
Common mode voltage
—
1.08
—
1.32
V
|VOD|
CC
P
Differential output voltage swing
(terminated)(3)(4)
—
150
214
400
mV
tTR
CC
T
Rise/Fall time (absolute value of the
differential output voltage swing)(3),(4)
—0.8
—
4.0
ns
CL
SR
D
External lumped differential load
capacitance(3)
VDD_HV_IO = 4.5 V
—
—
41
pF
VDD_HV_IO = 3.0 V
—
—
39
ILVDS_TX
CC
T
Transmitter DC current consumption Enabled
—
—
4.0
mA
1. The MSC and DSPI LVDS pad electrical characteristics are based on the application circuit and typical worst case internal
capacitance values given in Figure 17.
2. All MSC and DSPI LVDS pad electrical characteristics are valid from –40 °C to 150 °C.
3. Valid for maximum data rate fDATA. Value given is the capacitance on each terminal of the differential pair, as shown in
Figure 17.
4. Valid for maximum external load CL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com