Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L60F2 Datasheet(PDF) 34 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 30Page - STMicroelectronics SPC572L60F2 Datasheet HTML 31Page - STMicroelectronics SPC572L60F2 Datasheet HTML 32Page - STMicroelectronics SPC572L60F2 Datasheet HTML 33Page - STMicroelectronics SPC572L60F2 Datasheet HTML 34Page - STMicroelectronics SPC572L60F2 Datasheet HTML 35Page - STMicroelectronics SPC572L60F2 Datasheet HTML 36Page - STMicroelectronics SPC572L60F2 Datasheet HTML 37Page - STMicroelectronics SPC572L60F2 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 112 page
background image
Electrical characteristics
SPC572Lx
34/112
DocID027866 Rev 5
In order to ensure device reliability, the average current of the I/O on a single segment should
remain below the IAVGSEG maximum value.
In order to ensure device functionality, the sum of the dynamic and static currents of the I/O
on a single segment should remain below the IDYNSEG maximum value.
Pad mapping on each segment can be optimized using the pad usage information provided
in the I/O Signal Description table. The sum of all pad usage ratios within a segment should
remain below 100%.
Note:
In order to maintain the required input thresholds for the SENT interface, the sum of all I/O
pad output percent IR drop as defined in the I/O Signal Description table, must be below
50 %. See the I/O Signal Description attachment.
Note:
The SPC572Lx I/O Signal Description and Input Multiplexing Tables are contained in a
Microsoft Excel® workbook file attached to this document. Locate the paperclip symbol on
the left side of the PDF window, and click it. Double-click on the Excel file to open it and
select the I/O Signal Description Table tab.
Table 18. I/O consumption(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
IRMS_SEG
SR
D
Sum of all the DC I/O current
within a supply segment
VDD = 5.0 V ± 10%
—
—
80
mA
VDD = 3.3 V ± 10%
—
—
80
IRMS_W
CC
D
RMS I/O current for WEAK
configuration
CL = 25 pF, 2 MHz
VDD = 5.0 V ± 10%
——
1.1
mA
CL = 50 pF, 1 MHz
VDD = 5.0 V ± 10%
——
1.1
CL = 25 pF, 2 MHz
VDD = 3.3 V ± 10%
——
0.6
CL = 50 pF, 1 MHz
VDD = 3.3 V ± 10%
——
0.6
IRMS_M
CC
D
RMS I/O current for MEDIUM
configuration
CL = 25 pF, 12 MHz
VDD = 5.0 V ± 10%
——
4.7
mA
CL = 50 pF, 6 MHz
VDD = 5.0 V ± 10%
——
4.8
CL = 25 pF, 12 MHz
VDD = 3.3 V ± 10%
——
2.6
CL = 50 pF, 6 MHz
VDD = 3.3 V ± 10%
——
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com