Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L60F2 Datasheet(PDF) 83 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 79Page - STMicroelectronics SPC572L60F2 Datasheet HTML 80Page - STMicroelectronics SPC572L60F2 Datasheet HTML 81Page - STMicroelectronics SPC572L60F2 Datasheet HTML 82Page - STMicroelectronics SPC572L60F2 Datasheet HTML 83Page - STMicroelectronics SPC572L60F2 Datasheet HTML 84Page - STMicroelectronics SPC572L60F2 Datasheet HTML 85Page - STMicroelectronics SPC572L60F2 Datasheet HTML 86Page - STMicroelectronics SPC572L60F2 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 112 page
background image
DocID027866 Rev 5
83/112
SPC572Lx
Electrical characteristics
111
Figure 31. DSPI PCS strobe (PCSS) timing (master mode)
3.17.2.1.3 DSPI Master Mode – Output Only
PCSx
PCSS
tPCSC
tPASC
Table 43. DSPI LVDS master timing – output only – timed serial bus mode TSB = 1 or ITSB = 1,
CPOL = 0 or 1, continuous SCK clock(1)(2)
#
Symbol
C
Characteristic
Condition
Value
Unit
Pad drive
Load
Min
Max
1tSCK
CC
D
SCK cycle time
LVDS
15 pF
to 50 pF
differential
25.0
—
ns
2tCSV
CC
D
PCS valid after
SCK(3)
(SCK with 50 pF
differential load cap.)
Very strong
25 pF
—
6.0
ns
Strong
50 pF
—
10.5
ns
3tCSH
CC
D
PCS hold after
SCK(3)
(SCK with 50 pF
differential load cap.)
Very strong
0 pF
–4.0
—
ns
Strong
0pF
–4.0
—ns
4tSDC
CC
D
SCK duty cycle
(SCK with 50 pF
differential load cap.)
LVDS
15 pF
to 50 pF
differential
1/2tSCK –2 1/2tSCK +2 ns
SOUT data valid time (after SCK edge)
5tSUO
CC
D
SOUT data valid time
from SCK(4)
SOUT and SCK drive strength
LVDS
15 pF
to 50 pF
differential
—8.0
ns
SOUT data hold time (after SCK edge)
6tHO
CC
D
SOUT data hold time
after SCK(4)
SOUT and SCK drive strength
LVDS
15 pF
to 50 pF
differential
0.0
—
ns
1. All DSPI timing specifications apply to pins when using LVDS pads for SCK and SOUT and CMOS pad for PCS with pad
driver strength as defined. Timing may degrade for weaker output drivers.
2. TSB = 1 or ITSB = 1 automatically selects MTFE = 1 and CPHA = 1.
3. With TSB mode or Continuous SCK clock mode selected, PCS and SCK are driven by the same edge of DSPI_CLKn. This
timing value is due to pad delays and signal propagation delays.
4. SOUT Data Valid and Data hold are independent of load capacitance if SCK and SOUT load capacitances are the same
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com