Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L60F2 Datasheet(PDF) 80 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 76Page - STMicroelectronics SPC572L60F2 Datasheet HTML 77Page - STMicroelectronics SPC572L60F2 Datasheet HTML 78Page - STMicroelectronics SPC572L60F2 Datasheet HTML 79Page - STMicroelectronics SPC572L60F2 Datasheet HTML 80Page - STMicroelectronics SPC572L60F2 Datasheet HTML 81Page - STMicroelectronics SPC572L60F2 Datasheet HTML 82Page - STMicroelectronics SPC572L60F2 Datasheet HTML 83Page - STMicroelectronics SPC572L60F2 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 112 page
background image
Electrical characteristics
SPC572Lx
80/112
DocID027866 Rev 5
5tPCSC
CC
D PCSx to PCSS
time(8)
PCS and PCSS drive strength
Strong
25 pF
12.0
—ns
6tPASC
CC
D PCSS to PCSx
time(8)
PCS and PCSS drive strength
Strong
25 pF
12.0
—ns
SIN setup time
7tSUI
CC
D SIN setup time to
SCK
CPHA = 0(9)
SCK drive strength
Very strong
25 pF
25 –
(P(10) ×tSYS(5))
—ns
Strong
50 pF
31 –
(P(10) ×tSYS(5))
—
Medium
50 pF
52 –
(P(10) ×tSYS(5))
—
SIN setup time to
SCK
CPHA = 1(9)
SCK drive strength
Very strong
25 pF
25.0
—
ns
Strong
50 pF
31.0
—
Medium
50 pF
52.0
—
SIN hold time
8tHI
CC
D SIN hold time from
SCK
CPHA = 09
SCK drive strength
Very strong
0pF
–
1+(P(9) ×tSYS(4))
—ns
Strong
0pF
–
1+(P(9) ×tSYS(4))
—
Medium
0pF
–
1+(P(9) ×tSYS(4))
—
SIN hold time from
SCK
CPHA = 19
SCK drive strength
Very strong
0pF
–1.0
—
ns
Strong
0pF
–1.0
—
Medium
0pF
–1.0
—
SOUT data valid time (after SCK edge)
Table 42. DSPI CMOS master modified timing (full duplex and output only) – MTFE = 1, CPHA = 0
or 1(1) (continued)
#
Symbol
C
Characteristic
Condition
Value(2)
Unit
Pad drive(3)
Load (CL)Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com