Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L60F2 Datasheet(PDF) 66 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 62Page - STMicroelectronics SPC572L60F2 Datasheet HTML 63Page - STMicroelectronics SPC572L60F2 Datasheet HTML 64Page - STMicroelectronics SPC572L60F2 Datasheet HTML 65Page - STMicroelectronics SPC572L60F2 Datasheet HTML 66Page - STMicroelectronics SPC572L60F2 Datasheet HTML 67Page - STMicroelectronics SPC572L60F2 Datasheet HTML 68Page - STMicroelectronics SPC572L60F2 Datasheet HTML 69Page - STMicroelectronics SPC572L60F2 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 112 page
background image
Electrical characteristics
SPC572Lx
66/112
DocID027866 Rev 5
3.15.4
Power up/down sequencing
The following table shows the constraints and relationships for the different power supplies.
During power-up, all functional terminals are maintained into a known state as described in
the following table.
tVDASSERT
CC D Voltage detector
threshold crossing
assertion
—0.1
—
2
µs
tVDRELEASE
CC D Voltage detector
threshold crossing
de-assertion
—5
—
20
µs
1. For VDD_LV levels, a maximum of 30 mV IR drop is incurred from the pin to all sinks on the die. For other LVD, the IR drop
is estimated by the multiplying the supply current by 0.5
Ω.
2. The threshold for all PORs and LVDs are defined when the output transits to 1, i.e., when the sense goes above the
reference.
3. Across process, temperature and voltage range.
Table 32. Voltage monitor electrical characteristics(1) (continued)
Symbol
C
Parameter
Conditions
Value(2)
Unit
Min
Typ
Max
Table 33. Device supply relation during power-up/power-down sequence
Supply 2(1)
VDD_LV
VDD_HV_IO
VDD_HV_ADV
VDD_HV_ADR
ALTREF(2)
VDD_LV
VDD_HV_IO
VDD_HV_ADV
VDD_HV_ADR
5mA
ALTREF
10 mA(3)
10 mA(3)
1. Grey cells: Supply 1 (row) can exceed Supply 2 (column), granted that external circuitry ensures current flowing from
supply1 is less than absolute maximum rating current value provided.
2. ALTREF are the alternate references for the ADC that can be used in place of the default reference (VDD_HV_ADR_*). It is
the SARB.ALTREF.
3. ADC performance is not guaranteed with ALTREFn above VDD_HV_IO/VDD_HV_ADV.
Table 34. Functional terminals state during power-up and reset
TERMINAL(1)
POWER-UP(2)
pad state
RESET
pad state
Default
pad state(3)
Comments
PORST
Strong pull-
down(4)
Weak pull-down
Weak pull-down
Power-on reset pad
ESR0(5)
Strong pull-down
Strong pull-down
Weak pull-up
Functional reset pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com