Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L60F2 Datasheet(PDF) 93 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 89Page - STMicroelectronics SPC572L60F2 Datasheet HTML 90Page - STMicroelectronics SPC572L60F2 Datasheet HTML 91Page - STMicroelectronics SPC572L60F2 Datasheet HTML 92Page - STMicroelectronics SPC572L60F2 Datasheet HTML 93Page - STMicroelectronics SPC572L60F2 Datasheet HTML 94Page - STMicroelectronics SPC572L60F2 Datasheet HTML 95Page - STMicroelectronics SPC572L60F2 Datasheet HTML 96Page - STMicroelectronics SPC572L60F2 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 112 page
background image
DocID027866 Rev 5
93/112
SPC572Lx
Package characteristics
111
Table 51. eTQFP80 – STMicroelectronics package mechanical data
Symbol
Dimensions
Millimeters
Inches(1)
Min
Typ
Max
Min
Typ
Max
q
0°3.5°7°
0°
3.5°
7°
q1
0°
—
—
0°
—
—
q2
10°
12°
14°
10°
12°
14°
q3
10°
12°
14°
10°
12°
14°
A(2)
—
—
1.20
—
—
0.047
A1(3)
0.05
—
0.15
0.002
—
0.006
A2(2)
0.95
1.00
1.05
0.037
0.039
0.041
b(4) (5)
0.13
0.18
0.23
0.005
0.007
0.009
b1(4)
0.13
0.16
0.19
0.005
0.006
0.007
c(4)
0.09
—
0.20
0.004
—
0.008
c1(4)
0.09
—
0.16
0.004
—
0.006
D(6)
12.00 BSC
0.472 BSC
D1(7) (8)
10.00 BSC
0.394 BSC
D2(9)
—
—
5.83
—
—
0.229
D3(10)
4.00
—
—
0.157
—
—
e
0.40 BSC
0.016 BSC
E(6)
12.00 BSC
0.472 BSC
E1(7) (8)
10.00 BSC
0.394 BSC
E2(9)
—
—
5.83
—
—
0.229
E3(10)
4.00
—
—
0.157
—
—
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00 REF
0.039 REF
N(11)
80
3.149
R1
0.08
—
—
0.003
—
—
R2
0.08
—
—
0.003
—
—
S0.20
—
—
0.008
—
—
aaa(12)
0.20
0.008
bbb(12)
0.20
0.008
ccc(12)
0.08
0.003
ddd(12)
0.07
0.003
1. Values in inches are converted from millimeters (mm) and rounded to three decimal digits.
2. The optional exposed pad is generally coincident with the top or bottom side of the package and not allowed to protrude
beyond that surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com