Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L60F2 Datasheet(PDF) 69 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 65Page - STMicroelectronics SPC572L60F2 Datasheet HTML 66Page - STMicroelectronics SPC572L60F2 Datasheet HTML 67Page - STMicroelectronics SPC572L60F2 Datasheet HTML 68Page - STMicroelectronics SPC572L60F2 Datasheet HTML 69Page - STMicroelectronics SPC572L60F2 Datasheet HTML 70Page - STMicroelectronics SPC572L60F2 Datasheet HTML 71Page - STMicroelectronics SPC572L60F2 Datasheet HTML 72Page - STMicroelectronics SPC572L60F2 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 112 page
background image
DocID027866 Rev 5
69/112
SPC572Lx
Electrical characteristics
111
2. Actual hardware programming times; this does not include software overhead.
3. Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to change
pending device characterization.
4. Typical End of Life program and erase times represent the median performance and assume nominal supply values.
Typical End of Life program and erase values may be used for throughput calculations. These values are characteristic, but
not tested.
5. Lifetime maximum program & erase times apply across the voltages and temperatures and occur after the specified
number of program/erase cycles. These maximum values are characterized but not tested or guaranteed.
6. Initial factory condition: < 100 program/erase cycles, 20 °C < TJ < 30 °C junction temperature, and nominal (± 2%) supply
voltages. These values are verified at production testing.
7. Initial maximum “All temp” program and erase times provide guidance for time-out limits used in the factory and apply for
less than or equal to 100 program or erase cycles, –40 °C < TJ < 150 °C junction temperature, and nominal (± 2%) supply
voltages. These values are verified at production testing.
8. Rate computed based on 256K sectors.
9. Only code sectors, not including EEPROM.
10. Time between erase suspend resume and next erase suspend.
11. Timings guaranteed by design.
12. AIC is done using system clock, thus all timing is dependant on system frequency and number of wait states. Timing in the
table is calculated at 160 MHz.
Table 37. Flash memory module extended life specification(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
P/E16
CC
C Number of
program/erase cycles
per block for 16 KB
EEPROM emulation (2)
—
100,000
—
—
P/E
cycles
P/E256
CC
C Number of
program/erase cycles
per block for 256 KB
blocks(2)
—
1000
100,000
—
P/E
cycles
Data retention CC
C Minimum data retention Blocks with 0 – 10000
P/E cycles
20
—
—
years
Blocks with 10001–
250000 P/E cycles.
Data Retention limited
to 2, in total, 16 KB
sectors within module 1
10
—
—
1. All stated module life data are preliminary targets, and subject to change pending silicon characterization.
2. Program and Erase supported for standard operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com