Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L60F2 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 16Page - STMicroelectronics SPC572L60F2 Datasheet HTML 17Page - STMicroelectronics SPC572L60F2 Datasheet HTML 18Page - STMicroelectronics SPC572L60F2 Datasheet HTML 19Page - STMicroelectronics SPC572L60F2 Datasheet HTML 20Page - STMicroelectronics SPC572L60F2 Datasheet HTML 21Page - STMicroelectronics SPC572L60F2 Datasheet HTML 22Page - STMicroelectronics SPC572L60F2 Datasheet HTML 23Page - STMicroelectronics SPC572L60F2 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 112 page
background image
Electrical characteristics
SPC572Lx
20/112
DocID027866 Rev 5
3.4
Electromagnetic Compatibility (EMC)
EMC measurements to IC-level IEC standards are available from STMicroelectronics on
request.
3.5
Electrostatic discharge (ESD)
The following table describes the ESD ratings of the device.
3.6
Operating conditions
The following table describes the operating conditions for the device for which all
specifications in the datasheet are valid, except where explicitly noted.
The device operating conditions must not be exceeded or the functionality of the device is not
guaranteed.
4. 1.32 – 1.375 V range allowed periodically for supply with sinusoidal shape and average supply value below 1.288 V at
maximum TJ = 125 °C
5. VDD_HV_IO refers to supply pins VDD_HV_IO_MAIN, VDD_HV_IO_JTAG, VDD_HV_IO_ETH, VDD_HV_OSC, VDD_HV_FLA.
6. Allowed 5.5–6.0 V for 60 seconds cumulative time with no restrictions, for 10 hours cumulative time device in reset, TJ
= 150 °C remaining time at or below 5.5 V.
7. VDD_HV_ADV is also the supply for the device temperature sensor and bandgap reference.
8. The maximum input voltage on an I/O pin tracks with the associated I/O supply maximum. For the injection current
condition on a pin, the voltage equals the supply plus the voltage drop across the internal ESD diode from I/O pin to supply.
The diode voltage varies significantly across process and temperature, but a value of 0.3 V can be used for nominal
calculations.
9. Sum of all controller pins (including both digital and analog) must not exceed 150 mA. A VDD_HV_IO power segment is
defined as one or more GPIO pins located between two VDD_HV_IO supply pins.
10. Solder profile per IPC/JEDEC J-STD-020D.
11. Moisture sensitivity per JEDEC test method A112.
Table 8. ESD ratings(1),(2)
Parameter
C
Conditions
Value
Unit
ESD for Human Body Model (HBM)(3)
T
All pins
2000
V
ESD for field induced Charged Device Model (CDM)(4)
T
All pins
500
V
1. All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
2. Device failure is defined as: “If after exposure to ESD pulses, the device does not meet the device specification
requirements, which includes the complete DC parametric and functional testing at room temperature and hot temperature.
Maximum DC parametrics variation within 10% of maximum specification”.
3. This parameter tested in conformity with ANSI/ESD STM5.1-2007 Electrostatic Discharge Sensitivity Testing.
4. This parameter tested in conformity with ANSI/ESD STM5.3-1990 Charged Device Model - Component Level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com