Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L60F2 Datasheet(PDF) 42 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 38Page - STMicroelectronics SPC572L60F2 Datasheet HTML 39Page - STMicroelectronics SPC572L60F2 Datasheet HTML 40Page - STMicroelectronics SPC572L60F2 Datasheet HTML 41Page - STMicroelectronics SPC572L60F2 Datasheet HTML 42Page - STMicroelectronics SPC572L60F2 Datasheet HTML 43Page - STMicroelectronics SPC572L60F2 Datasheet HTML 44Page - STMicroelectronics SPC572L60F2 Datasheet HTML 45Page - STMicroelectronics SPC572L60F2 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 112 page
background image
Electrical characteristics
SPC572Lx
42/112
DocID027866 Rev 5
Table 22. Selectable load capacitance
load_cap_sel[4:0] from DCF record
Capacitance offered on EXTAL/XTAL
(Cx and Cy)(1),(2) (pF)
00000
1.0
00001
2.0
00010
2.9
00011
3.8
00100
4.8
00101
5.7
00110
6.6
00111
7.5
01000
8.5
01001
9.4
01010
10.3
01011
11.2
01100
12.2
01101
13.1
01110
14.0
01111
15.0
10000–11111(3)
Reserved
1. Values are determined from simulation across process corners and voltage and temperature variation. Capacitance values
vary ±12% across process, 0.25% across voltage, and no variation across temperature.
2. Values in this table do not include the die and package capacitances given by CS_XTAL/CS_EXTAL in Table 21 (External
oscillator electrical specifications).
3. Configurations 10000–11111 should not be used. Configurations 10000–11100 result in same capacitances of
configurations 00011–01111. Configurations 11101, 11110, and 11111 select maximum capacitances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com