Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L60F2 Datasheet(PDF) 73 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 69Page - STMicroelectronics SPC572L60F2 Datasheet HTML 70Page - STMicroelectronics SPC572L60F2 Datasheet HTML 71Page - STMicroelectronics SPC572L60F2 Datasheet HTML 72Page - STMicroelectronics SPC572L60F2 Datasheet HTML 73Page - STMicroelectronics SPC572L60F2 Datasheet HTML 74Page - STMicroelectronics SPC572L60F2 Datasheet HTML 75Page - STMicroelectronics SPC572L60F2 Datasheet HTML 76Page - STMicroelectronics SPC572L60F2 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 112 page
background image
DocID027866 Rev 5
73/112
SPC572Lx
Electrical characteristics
111
Figure 23. JTAG boundary scan timing
3.17.1.2
Nexus interface timing
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15
Table 39. Nexus debug port timing(1)
#
Symbol
C
Characteristic
Value
Unit
Min
Max
7tEVTIPW CC
D
EVTI pulse width
4
—
tCYC(2)
8tEVTOPW CC
D
EVTO pulse width
40
—
ns
9tTCYC
CC
D
TCK cycle time
2(3),(4)
—tCYC(2)
9tTCYC
CC
D
Absolute minimum TCK cycle time(5) (TDO/TDOC sampled
on posedge of TCK)
40(6)
—ns
Absolute minimum TCK cycle time(7) (TDO/TDOC sampled
on negedge of TCK)
20(6)
—
11(8)
tNTDIS
CC
D
TDI/TDIC data setup time
5
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com