Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L60F2 Datasheet(PDF) 97 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 93Page - STMicroelectronics SPC572L60F2 Datasheet HTML 94Page - STMicroelectronics SPC572L60F2 Datasheet HTML 95Page - STMicroelectronics SPC572L60F2 Datasheet HTML 96Page - STMicroelectronics SPC572L60F2 Datasheet HTML 97Page - STMicroelectronics SPC572L60F2 Datasheet HTML 98Page - STMicroelectronics SPC572L60F2 Datasheet HTML 99Page - STMicroelectronics SPC572L60F2 Datasheet HTML 100Page - STMicroelectronics SPC572L60F2 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 112 page
background image
DocID027866 Rev 5
97/112
SPC572Lx
Package characteristics
111
4.4
Thermal characteristics
Table 53 and Table 54 describe the thermal characteristics of the device.
3. Dimension “b” does not include dambar protrusion. Allowable dambar protrusion shall not cause the lead width to exceed
the maximum “b” dimension by more than 0.08 mm. Dambar cannot be located on the lower radius or the foot. Minimum
space between protrusion and an adjacent lead is 0.07 mm for 0.4 mm and 0.5 mm pitch packages.
4. These dimensions apply to the flat section of the lead between 0.10 mm and 0.25 mm from the lead tip.
5. To be determined at seating datum plane C.
6. The Top package body size may be smaller than the bottom package size by as much as 0.15 mm.
7. Dimensions D1 and E1 do not include mold flash or protrusions. Allowable mold flash or protrusions is “0.25 mm” per side.
D1 and E1 are maximum plastic body size dimensions including mold mismatch.
8. Dimensions D2 and E2 show the maximum exposed metal area on the package surface where the exposed pad is located
(if present). It includes all metal protrusions from exposed pad itself. Type of exposed pad is variable depending on
leadframe pad design (T1, T2, T3). End user should verify D2 and E2 dimensions according to specific device application.
9. Dimensions D3 and E3 show the minimum solderable area, defined as the portion of exposed pad which is guaranteed to
be free from resin flashes/bleeds, bordered by internal edge of inner groove.
10. “N” is the number of terminal positions for the specified body size.
11. Tolerance
Table 53. Thermal characteristics for eTQFP80(1)
Symbol
C
Parameter
Conditions
Value
Unit
RθJA
CC
D
Junction-to-ambient, natural
convection(2)
Four layer board—2s2p
29.6
°C/W
RθJMA
CC
D
Junction-to-moving-air, ambient(2)
At 200 ft./min., four layer
board—2s2p
23.5
°C/W
RθJB
CC
D
Junction-to-board(3)
Ring cold plate
9.6
°C/W
RθJCtop
CC
D
Junction-to-case top(4)
Cold plate
13.2
°C/W
RθJCbotttom
CC
D
Junction-to-case bottom(5)
Cold plate
1.0
°C/W
ΨJT
CC
D
Junction-to-package top(6)
Natural convection
0.4
°C/W
1. The values are based on simulation; actual data may vary in the given range. The specified characteristics are subject to
change per final device design and characterization. Junction temperature is a function of die size, on-chip power
dissipation, package thermal resistance, mounting site (board) temperature, ambient temperature, air flow, power
dissipation of other components on the board, and board thermal resistance.
2. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
3. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
4. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
5. Thermal resistance between the die and the solder pad on the bottom of the package. Interface resistance is ignored.
6. Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com