Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5413 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5413 Datasheet HTML 28Page - Analog Devices AD5413 Datasheet HTML 29Page - Analog Devices AD5413 Datasheet HTML 30Page - Analog Devices AD5413 Datasheet HTML 31Page - Analog Devices AD5413 Datasheet HTML 32Page - Analog Devices AD5413 Datasheet HTML 33Page - Analog Devices AD5413 Datasheet HTML 34Page - Analog Devices AD5413 Datasheet HTML 35Page - Analog Devices AD5413 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
AD5413
Data Sheet
Rev. 0 | Page 32 of 49
SOFTWARE RESET
A software reset requires two consecutive writes of 0x15FA and
0xAF51, respectively, to the key register. A device reset can be
initiated via the hardware RESET pin or the software reset keys.
The RESET_OCCURRED bit in the DIGITAL_DIAG_RESULTS
register is set when the device is reset. This bit defaults to 1 on
power-up. Both diagnostic results registers implement a write of 1
to clear the function. That is, write a 1 to this bit to clear the bit (see
the Sticky Diagnostic Results Bits section).
CALIBRATION MEMORY CRC
For each calibration memory refresh cycle, which is either
initiated via a key code write to the key register or automatically
initiated when the RANGE bits (Bits[3:0]) of the DAC_CONFIG
register are changed, an automatic CRC is calculated on the
contents of the calibration memory shadow registers. The result
of this CRC is compared with the factory stored reference CRC
value. If the CRC values match, the read of the entire calibration
memory is considered valid. If the values do not match, the CAL_
MEM_CRC_ERR bit in the DIGITAL_DIAG_RESULTS register
is set to 1. This calibration memory CRC feature is enabled by
default. Disable this feature via the CAL_MEM_CRC_EN bit in
the DIGITAL_DIAG_CONFIG register.
Two-stage readback commands are permitted while this
calibration memory refresh cycle is active. However, a write to
any register other than the TWO_STAGE_READBACK_SELECT
register or the NOP register sets the INVALID_SPI_ACCESS_
ERR bit in the DIGITAL_DIAG_RESULTS register. As described
in the Programming Sequence to Enable the Output section, a
wait period of 500 μs is recommended after a calibration memory
refresh cycle is initiated.
INTERNAL OSCILLATOR DIAGNOSTICS
An internal frequency monitor uses the internal oscillator (MCLK)
to increment a 16-bit counter at a rate of 1 kHz (MCLK/10000).
The counter value can be read in the FREQ_MONITOR register.
The user can poll this register periodically and use the result as a
diagnostic tool for MCLK (to monitor that the oscillator is
running) and to measure the oscillator frequency. This counter
feature is enabled by default via the FREQ_MON_EN bit in the
DIGITAL_DIAG_CONFIG register.
If the MCLK oscillator stops, the AD5413 sends a specific code
of 0x07DEAD to the SDO line for each SPI frame. This oscillator
dead code feature is enabled by default. To disable this feature,
clear the OSC_STOP_DETECT_EN bit in the GP_CONFIG1
register. This feature is limited to the maximum readback
timing specifications described in Table 3.
STICKY DIAGNOSTIC RESULTS BITS
The AD5413 contains a digital diagnostic results register
(DIGITAL_DIAG_RESULTS) and an analog diagnostic results
register (ANALOG_DIAG_RESULTS) (see Table 36 and Table 37,
respectively, for the diagnostic error bits). The diagnostic results
bits contained within these registers are sticky and a 1 must be
written to each bit to clear the error bit (R/W-1-C). If the fault is
still present after writing a 1 to the bit in question, the error bit
does not clear to 0. When Logic 1 is written to the bit, the bit
updates to the latest value, which is Logic 1 if the fault is still
present, and Logic 0 if the fault is no longer present.
There are two exceptions to this R/W-1-C access within the
DIGITAL_DIAG_RESULTS register, the CAL_MEM_
UNREFRESHED bit and the SLEW_BUSY bit, which
automatically clear when the calibration memory refreshes
and when the output slew completes, respectively.
The STATUS register contains a DIG_DIAG_STATUS bit and an
ANA_DIAG_STATUS bit. Both bits are the result of a logical OR
of the diagnostic results bits contained in each diagnostic results
register. All analog diagnostic flag bits are included in the logical
OR of the ANA_DIAG_STATUS bit, and all digital diagnostic
flag bits, except for the SLEW_BUSY bit, are included in the logical
OR of the DIG_DIAG_STATUS bit. The OR’ed bits within the
status register are read only and are not sticky (R/W-1-C).
BACKGROUND SUPPLY AND TEMPERATURE
MONITORING
Excessive die temperature and overvoltage are related to
common cause failures.
The die has a built in temperature sensor with a ±5°C accuracy.
The die temperature is monitored by a comparator and the
background temperature comparators are permanently enabled.
Programmable trip points corresponding to 142°C, 127°C, 112°C,
and 97°C can be configured in the GP_CONFIG1 register. If the
temperature of the die exceeds the programmed limit, the relevant
status bit in the ANALOG_DIAG_RESULTS register is set, and
the FAULT pin asserts low.
The low voltage supplies on the AD5413 are monitored via low
power static comparators. This monitoring function is disabled
by default and is enabled via the COMPARATOR_CONFIG bits
in the GP_CONFIG2 register. The INT_EN bit in the DAC_
CONFIG register must be set for the REFIN buffer to be powered
up and for this node to be available to the REFIN comparator. The
monitored nodes are REFIN, REFOUT, VLDO, and an internally
generated AVCC voltage. A status bit in the ANALOG_DIAG_
RESULTS register corresponds to each monitored node. If any
monitored node supplies exceed the upper or lower threshold
values (see Table 14 for the threshold values), the corresponding
status bit is set. Note that if a REFOUT fault occurs, the
REFOUT_ERR status bit is set. The INT_AVCC, VLDO, and
temperature comparator status bits (DIE_TEMP_ERR) can then
also be set because REFOUT is used as the comparison voltage
for these nodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com