Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5413 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5413 Datasheet HTML 9Page - Analog Devices AD5413 Datasheet HTML 10Page - Analog Devices AD5413 Datasheet HTML 11Page - Analog Devices AD5413 Datasheet HTML 12Page - Analog Devices AD5413 Datasheet HTML 13Page - Analog Devices AD5413 Datasheet HTML 14Page - Analog Devices AD5413 Datasheet HTML 15Page - Analog Devices AD5413 Datasheet HTML 16Page - Analog Devices AD5413 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 13 of 49
Pin No.
Mnemonic
Description
24
FAULT
Fault Pin, Active Low, Pseudo Open-Drain Output. FAULT is high impedance when no faults are detected and is
asserted low when certain faults are detected, including an open circuit in current mode, a short circuit in voltage
mode, a CRC error, or an overtemperature error. Connect FAULT to VLOGIC with a 10 kΩ pull-up resistor.
25
AVSS
Negative Analog Supply. The voltage range on this pin is from 0 V to −33 V. If 0 V is applied, only current output
mode is supported.
26
−VSENSE
Sense Connection for Negative Voltage Output Load Connection in VOUT Mode. −VSENSE must stay within ±10 V of
AGND for specified operation. Connect a series 1 kΩ resistor to −VSENSE. If remote sensing is not used, short −VSENSE
to AGND via a series 1 kΩ resistor.
27
CCOMP
Optional Compensation Capacitor Connection for the VOUT Buffer. Connect a 220 pF capacitor between CCOMP and
VIOUT to allow the voltage output to drive up to 2 μF. The addition of this capacitor reduces the bandwidth of the
output amplifier and increases the settling time.
28
+VSENSE
Sense Connection for the Positive Voltage Output Load Connection in VOUT Mode. If remote sensing is not used,
short +VSENSE to VIOUT via a series 1 kΩ resistor.
29
VIOUT
Voltage or Current Output Pin. VIOUT is a shared pin that provides either a buffered output voltage or output current.
EPAD
Exposed Pad. Either connect the exposed pad to the potential of the AVSS pin, or leave the exposed pad electrically
unconnected. For enhanced thermal performance, thermally connect the exposed pad to a copper plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com