Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5413 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5413 Datasheet HTML 25Page - Analog Devices AD5413 Datasheet HTML 26Page - Analog Devices AD5413 Datasheet HTML 27Page - Analog Devices AD5413 Datasheet HTML 28Page - Analog Devices AD5413 Datasheet HTML 29Page - Analog Devices AD5413 Datasheet HTML 30Page - Analog Devices AD5413 Datasheet HTML 31Page - Analog Devices AD5413 Datasheet HTML 32Page - Analog Devices AD5413 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 29 of 49
DEVICE FEATURES AND DIAGNOSTICS
DIGITAL SLEW RATE CONTROL
The AD5413 slew rate control feature allows the user to control
the rate at which the output value changes. This feature is available
in both current mode and voltage mode. Disabling the slew rate
control feature changes the output value at a rate limited by the
output drive circuitry and the attached load. To reduce the slew
rate, enable the slew rate control feature to cause the output to
digitally step from one output value to the next at a rate defined by
two parameters that are accessible via the DAC_CONFIG register.
These two parameters are SR_CLOCK and SR_STEP. The
SR_CLOCK parameter defines the rate at which the digital slew is
updated. For example, if the selected update rate is 8 kHz, the
output updates every 125 μs. In conjunction with the SR_CLOCK
parameter, the SR_STEP parameter defines how much the output
value changes at each update. Together, both parameters define the
rate of change of the output value. The following equation
describes the slew rate as a function of the step size, the slew rate
frequency, and the LSB size:
Output Change
Slew Time
tep Size Slew Rate Frequency LSB Size
S

where:
Slew Time is expressed in seconds.
Output Change is expressed in amps for current output mode
or volts for voltage output mode
.
Step Size is the step size in amps for current output mode, or
volts for voltage output mode
.
Slew Rate Frequency is the SR_CLOCK parameter value.
LSB Size is the SR_STEP parameter value.
When the slew rate control feature is enabled, all output
changes occur at the programmed slew rate.
AD5413 ADDRESS PINS
The AD5413 address pins (AD0 and AD1) are used in conjunction
with the AD5413 address bits within the SPI frame (see Table 10)
to determine which AD5413 device is being addressed by the
system controller. Up to four devices can be independently
addressed on one board using the two address pins.
SPI INTERFACE AND DIAGNOSTICS
The AD5413 is controlled over a 4-wire SPI with an 8-bit cyclic
redundancy check (CRC-8) that is enabled by default. The input
shift register is 32 bits wide and data is loaded into the device
MSB first under the control of the SCLK signal. Data is clocked
in on the falling edge of SCLK. If CRC is disabled, the SPI is
reduced to 24 bits. A 32-bit frame is still accepted, but the last 8
bits are ignored.
Table 10. Writing to a Register (CRC Enabled)
MSB
LSB
D31
[D30:D29]
[D28:D24]
[D23:D8]
[D7:D0]
Slip bit
AD5413 address
Register address
Data
CRC
As shown in Table 10, every SPI frame contains two AD5413
address bits. These bits must match the AD0 pin and AD1 pin
for a particular device to accept the SPI frame on the bus.
SPI Cyclic Redundancy Check
To verify that data is correctly received in noisy environments, the
AD5413 offers a CRC based on a CRC-8. The device controlling
the AD5413, either a micro gate array or a field-programmable
gate array (FPGA), generates an 8-bit frame check sequence using
the following polynomial:
C(x) = x8 + x2 + x1 + 1
This 8-bit frame check sequence is added to the end of the
data-word and 32 bits are sent to the AD5413 before pulling
SYNC high (see Figure 62).
SDI
SYNC
SCLK
UPDATE ON SYNC HIGH
MSB
D23
LSB
D0
24-BIT DATA
24-BIT DATA TRANSFER, NO CRC ERROR CHECKING
SDI
FAULT
SYNC
SCLK
UPDATE ON SYNC HIGH
ONLY IF ERROR CHECK PASSED
FAULT PIN GOES LOW
IF ERROR CHECK FAILS
MSB
D31
LSB
D8
D7
D0
24-BIT DATA
8-BIT CRC
32-BIT DATA TRANSFER WITH CRC ERROR CHECKING
Figure 62. CRC Timing (Assume LDAC = 0)
If the SPI_CRC_EN bit in the DIGITAL_DIAG_CONFIG register
is set high (default state), supply a frame that is exactly 32 bits
wide and contains the 24 data bits and the 8-bit CRC. If the
CRC check is valid, the data is written to the selected register.
If the CRC check fails, the data is ignored, the FAULT pin goes
low, and the FAULT pin status bit and the digital diagnostic
status bit (DIG_DIAG_STATUS) in the status register are asserted.
A subsequent readback of the DIGITAL_DIAG_RESULTS register
shows that the SPI_CRC_ERR bit is also set. This register is per
individual bits. A write one per bit clears the register (see the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com