Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5413 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5413 Datasheet HTML 13Page - Analog Devices AD5413 Datasheet HTML 14Page - Analog Devices AD5413 Datasheet HTML 15Page - Analog Devices AD5413 Datasheet HTML 16Page - Analog Devices AD5413 Datasheet HTML 17Page - Analog Devices AD5413 Datasheet HTML 18Page - Analog Devices AD5413 Datasheet HTML 19Page - Analog Devices AD5413 Datasheet HTML 20Page - Analog Devices AD5413 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 17 of 49
CURRENT OUTPUT
–0.002
–0.001
0
0.001
0.002
0.003
0.004
0
8192
16384 24576 32768 40960 49152 57344 65536
AVDD1 = +15V
AVSS = –15V
TA = 25°C
300Ω LOAD
DAC CODE
0mA TO 24mA, EXTERNAL RSET
0mA TO 24mA, INTERNAL RSET
Figure 25. INL Error vs. DAC Code
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
8192
16384 24576 32768 40960 49152 57344 65536
DAC CODE
AVDD1 = +15V
AVSS = –15V
TA = 25°C
300Ω LOAD
0mA TO 24mA, EXTERNAL RSET
0mA TO 24mA, INTERNAL RSET
Figure 26. DNL Error vs. DAC Code
0mA TO 24mA, EXTERNAL RSET
0mA TO 24mA, INTERNAL RSET
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0
8192
16384 24576 32768 40960 49152 57344 65536
DAC CODE
AVDD1 = +15V
AVSS = –15V
TA = 25°C
300Ω LOAD
Figure 27. TUE vs. DAC Code
–0.005
–0.004
–0.003
–0.002
–0.001
0
0.001
0.002
–4025115
125
TEMPERATURE (°C)
AVDD1 = +15V
AVSS = –15V
0mA TO 24mA, MIN INL
0mA TO 24mA, MAX INL
Figure 28. INL Error vs. Temperature, Internal RSET
–0.004
–0.003
–0.002
–0.001
0
0.001
0.002
–40
25
115
125
AVDD1 = +15V
AVSS = –15V
0mA TO 24mA, MAX INL
0mA TO 24mA, MIN INL
TEMPERATURE (°C)
Figure 29. INL Error vs. Temperature, External RSET
–1.0
–0.8
–0.6
–0.4
–0.2
0.2
0.4
0.6
0.8
1.0
25
115
125
TEMPERATURE (ºC)
DNL ERROR MAX
DNL ERROR MIN
AVDD1 = +15V
AVSS = –15V
Figure 30. DNL Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com