Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5413 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5413 Datasheet HTML 2Page - Analog Devices AD5413 Datasheet HTML 3Page - Analog Devices AD5413 Datasheet HTML 4Page - Analog Devices AD5413 Datasheet HTML 5Page - Analog Devices AD5413 Datasheet HTML 6Page - Analog Devices AD5413 Datasheet HTML 7Page - Analog Devices AD5413 Datasheet HTML 8Page - Analog Devices AD5413 Datasheet HTML 9Page - Analog Devices AD5413 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
AD5413
Data Sheet
Rev. 0 | Page 6 of 49
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Capacitive Load2
1000
nF
Load Current
3
mA
Short-Circuit Current
5
mA
Line Regulation
1
ppm/V
Load Regulation
80
ppm/mA
Thermal Hysteresis2
150
ppm
VLDO PIN OUTPUT
Output Voltage
3.3
V
Output Voltage TC2
25
ppm/°C
Output Voltage Accuracy
−2
+2
%
Externally Available Current
30
mA
Short-Circuit Current
55
mA
Load Regulation
0.8
mV/mA
Capacitive Load
0.1
μF
Recommended operation
DIGITAL INPUTS
Input Voltage
3 V ≤ VLOGIC ≤ 5.5 V
High (VIH)
0.7 × VLOGIC
V
Low (VIL)
0.3 ×
VLOGIC
V
1.71 V ≤ VLOGIC < 3 V
VIH
0.8 × VLOGIC
V
VIL
0.2 ×
VLOGIC
V
Input Current
−1.5
+1.5
μA
Per pin, internal pull-down on SCLK, SDI, RESET,
and LDAC, internal pull-up on SYNC
Pin Capacitance2
2.4
pF
Per pin
DIGITAL OUTPUTS
SDO
Output Voltage
Low (VOL)
0.4
V
Sinking = 200 μA
High (VOH)
VLOGIC −
0.2
V
Sourcing = 200 μA
High Impedance Leakage Current
−1
+1
μA
High Impedance Output Capacitance2
2.2
pF
FAULT
Output Voltage
VOL
0.4
V
10 kΩ pull-up resistor to VLOGIC
0.6
V
At 2.5 mA
VOH
VLOGIC −
0.05
V
10 kΩ pull-up resistor to VLOGIC
POWER REQUIREMENTS
Supply Voltages
AVDD1
7
33
V
Maximum operating range of |AVDD1 to AVSS| =
50 V
AVDD2
4.5
33
V
Maximum operating range of |AVDD2 to AVSS| =
50 V
AVSS
−33
0
V
Maximum operating range of |AVDD1 to AVSS| =
50 V
VLOGIC
1.71
5.5
V
Supply Quiescent Currents5
Quiescent current, assuming no load current
AIDD16
1.0
mA
Voltage output mode
0.8
mA
Current output mode (unipolar)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com