Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5413 Datasheet(PDF) 39 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD5413 Datasheet HTML 35Page - Analog Devices AD5413 Datasheet HTML 36Page - Analog Devices AD5413 Datasheet HTML 37Page - Analog Devices AD5413 Datasheet HTML 38Page - Analog Devices AD5413 Datasheet HTML 39Page - Analog Devices AD5413 Datasheet HTML 40Page - Analog Devices AD5413 Datasheet HTML 41Page - Analog Devices AD5413 Datasheet HTML 42Page - Analog Devices AD5413 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 39 of 49
REGISTER DETAILS
NOP Register
Address: 0x00, Reset: 0x000000, Name: NOP
Write 0x0000 to Bits[15: 0] at this address to perform an NOP command. Bits[15:0] of the NOP register always read back as 0x0000.
Table 22. Bit Descriptions for NOP
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register Address.
0x0
R
[15:0]
NOP command
Write 0x0000 to these bits to perform an NOP command.
0x0
R0/W
DAC Input Register
Address: 0x01, Reset: 0x010000, Name: DAC_INPUT
Bits[15:2] consist of the 14-bit data to be written to the DAC. If the LDAC pin is tied low (active), the DAC_INPUT register contents are written
directly to the DAC_OUTPUT register without any LDAC functionality dependence. If the LDAC pin is tied high, the contents of the
DAC_INPUT register are written to the DAC_OUTPUT register when the LDAC pin is brought low or when the software LDAC
command is written.
Table 23. Bit Descriptions for DAC_INPUT
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register Address.
0x0
R
[15:2]
DAC_INPUT_DATA
DAC Input Data.
0x0
R/W
[1:0]
RESERVED
Do not write to these bits.
0x0
R/W
DAC Output Register
Address: 0x02, Reset: 0x020000, Name: DAC_OUTPUT
The DAC_OUTPUT register is a read only register and contains the latest calibrated 14-bit DAC output value.
Table 24. Bit Descriptions for DAC_OUTPUT
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register Address.
0x0
R
[15:2]
DAC_OUTPUT_DATA
DAC Output Data. For example, the last calibrated 14-bit DAC output value.
0x0
R
[1:0]
RESERVED
Do not write to these bits.
0x0
R/W
Clear Code Register
Address: 0x03, Reset: 0x030000, Name: CLEAR_CODE
When writing to the CLEAR_CODE register, Bits[15:2] consist of the clear code that clears the DAC when a clear event occurs. When a
clear event is complete, write to the DAC_INPUT register with the 14-bit data to be written to the DAC, even if the data is the same data
as previously written before the clear event. Performing an LDAC write to the hardware or software does not update the DAC_OUTPUT
register to a new code until the DAC_INPUT register is written to first.
Table 25. Bit Descriptions for CLEAR_CODE
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register Address.
0x0
R
[15:2]
CLEAR_CODE
Clear Code. The DAC clears to this code upon a clear event.
0x0
R/W
[1:0]
RESERVED
Do not write to these bits.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com