Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5413 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5413 Datasheet HTML 17Page - Analog Devices AD5413 Datasheet HTML 18Page - Analog Devices AD5413 Datasheet HTML 19Page - Analog Devices AD5413 Datasheet HTML 20Page - Analog Devices AD5413 Datasheet HTML 21Page - Analog Devices AD5413 Datasheet HTML 22Page - Analog Devices AD5413 Datasheet HTML 23Page - Analog Devices AD5413 Datasheet HTML 24Page - Analog Devices AD5413 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 21 of 49
REFERENCE
10.0µs
3
4
CH3 2.00V BW
CH4 1.00 V BW
TA = 25°C
AVDD2
REFOUT
Figure 46. REFOUT Turn On Transient
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
1234
5678
9
10
TIME (µs)
AVDD1 = +15V
AVSS = –15V
TA = 25°C
Figure 47. Peak-to-Peak Noise (0.1 Hz to 10 Hz Bandwidth)
–150
–100
–500
0
500
100
150
0246
8
10
12
14
16
18
20
TIME (ms)
AVDD1 = +15V
AVSS = –15V
TA = 25°C
Figure 48. Peak-to-Peak Noise (100 kHz Bandwidth)
2.5005
2.5000
2.4995
2.4990
2.4985
0
0.5
1.0
1.5
2.0
3.0
4.0
2.5
3.5
LOAD CURRENT (mA)
AVDD2 = 5V
TA = 25°C
Figure 49. Reference Output vs. Load Current
2.50035
2.50036
2.50037
2.50038
2.50039
2.50040
2.50041
2.50042
2.50043
2.50044
4
6
8
10
12
14
16
182022
24
262830
AVDD2 SUPPLY (V)
TA = 25°C
Figure 50. Reference Output vs. AVDD2 Supply
2.5020
4.4990
2.4995
2.5000
2.5005
2.5010
2.5015
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 51. Reference Output vs. Temperature for Multiple Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com