Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5413 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5413 Datasheet HTML 12Page - Analog Devices AD5413 Datasheet HTML 13Page - Analog Devices AD5413 Datasheet HTML 14Page - Analog Devices AD5413 Datasheet HTML 15Page - Analog Devices AD5413 Datasheet HTML 16Page - Analog Devices AD5413 Datasheet HTML 17Page - Analog Devices AD5413 Datasheet HTML 18Page - Analog Devices AD5413 Datasheet HTML 19Page - Analog Devices AD5413 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
AD5413
Data Sheet
Rev. 0 | Page 16 of 49
–0.025
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (µs)
HIGH TO LOW
LOW TO HIGH
AVDD1 = +15V
AVSS = –15V
±10.5V RANGE
1kΩ LOAD
TA = 25°C
Figure 19. Digital-to-Analog Glitch Major Code Transition
–15
–10
–5
0
5
10
15
20
0
123
456
789
10
TIME (Seconds)
AVDD1 = +15V
AVSS = –15V
±10.5V RANGE
OUTPUT UNLOADED
TA = 25°C
Figure 20. Peak-to-Peak Noise (0.1 Hz to 10 Hz Bandwidth)
–400
–300
–200
–100
0
100
200
300
400
0
12
3
45
67
89
10
TIME (ms)
AVDD1 = +15V
AVSS = –15V
TA = 25°C
±10.5V RANGE MIDSCALE CODE
OUTPUT UNLOADED
Figure 21. Peak-to-Peak Noise (100 kHz Bandwidth)
1.00µs
3
4
CH3 2.00V
CH4 50.0mV
AVDD1 = +15V
AVSS = –15V
±10.5V RANGE MIDSCALE CODE
TA = 25°C
10kΩ LOAD
CLOAD = 220pF
SYNC
OUTPUT VOLTAGE
Figure 22. SYNC and Output Voltage vs. Time on Output Enable
CH2 10.0mV
M10.0ms
A CH4
1.30V
4
2
T
28.71200ms
CH4 5.00V
AVDD1 = 15V
AVSS = –15V
1kΩ LOAD
CLOAD = 220pF
CH4 = AVDD1
CH2 = OUTPUT VOLTAGE
AVDD1
OUTPUT VOLTAGE
Figure 23. Output Voltage vs. Time on Power-Up
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AVDD1 = +15V
AVDD2 = +5V
AVSS = –15V
1kΩ LOAD
CLOAD = 220pF
Figure 24. Output Voltage PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com