Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5413 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 3 Page - Analog Devices

  AD5413 Datasheet HTML 1Page - Analog Devices AD5413 Datasheet HTML 2Page - Analog Devices AD5413 Datasheet HTML 3Page - Analog Devices AD5413 Datasheet HTML 4Page - Analog Devices AD5413 Datasheet HTML 5Page - Analog Devices AD5413 Datasheet HTML 6Page - Analog Devices AD5413 Datasheet HTML 7Page - Analog Devices AD5413 Datasheet HTML 8Page - Analog Devices AD5413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 3 of 49
FUNCTIONAL BLOCK DIAGRAM
DIGITAL
BLOCK
VLDO
VLOGIC
SDO
FAULT
REFIN
REFGND
AVSS
AVDD2
AGND
NIC
RB
RA
+VSENSE
–VSENSE
VIOUT
CCOMP
AVDD1
REFOUT
SDI
SYNC
SCLK
LDAC
RESET
AD1
AD0
DGND
USER GAIN
DAC
REGISTER
IOUT
IOUT
BUFFER
HART_EN
RSET
14-BIT
DAC
USER OFFSET
STATUS
REGISTER
REFERENCE
BUFFERS
VOUT
BUFFER
VIOUT_PULLDOWN_EN
30kΩ
VREF
POWER
MANAGEMENT
BLOCK
MCLK
10MHz
14
POWER-ON
RESET
CALIBRATION
MEMORY
DATA AND
CONTROL
REGISTERS
14
–
CHART
AD5413
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com