Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5413 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5413 Datasheet HTML 19Page - Analog Devices AD5413 Datasheet HTML 20Page - Analog Devices AD5413 Datasheet HTML 21Page - Analog Devices AD5413 Datasheet HTML 22Page - Analog Devices AD5413 Datasheet HTML 23Page - Analog Devices AD5413 Datasheet HTML 24Page - Analog Devices AD5413 Datasheet HTML 25Page - Analog Devices AD5413 Datasheet HTML 26Page - Analog Devices AD5413 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 23 of 49
TERMINOLOGY
Total Unadjusted Error (TUE)
TUE is a measure of the output error that takes into account
various errors including INL error, offset error, gain error, and
output drift over supplies, temperature, and time. TUE is
expressed in % FSR.
Relative Accuracy or Integral Nonlinearity (INL)
For the DAC, relative accuracy, or INL, is a measure of the
maximum deviation from the best fit line passing through the
DAC transfer function. INL is expressed either in LSBs or % FSR.
Differential Nonlinearity (DNL)
DNL is the difference between the measured change and the
ideal 1 LSB change between any two adjacent codes. A specified
differential nonlinearity of a ±1 LSB maximum ensures
monotonicity.
Monotonicity
A DAC is monotonic if the output either increases or remains
constant for increasing digital input code. The AD5413 is
monotonic over the full operating temperature range.
Zero-Scale or Negative Full-Scale Error
Zero-scale, or negative full-scale error, is the error in the DAC
output voltage when 0x0000 (straight binary coding) is loaded
to the DAC output register.
Zero-Scale Temperature Coefficient
Zero-scale temperature coefficient is a measure of the change in
the zero-scale error with a change in temperature. Zero-scale
error temperature coefficient is expressed in ppm FSR/°C.
Bipolar Zero Error
Bipolar zero error is the deviation of the analog output from the
ideal half-scale output of 0 V when the DAC output register is
loaded with 0x8000 (straight binary coding).
Bipolar Zero Temperature Coefficient
Bipolar zero temperature coefficient is a measure of the change
in the bipolar zero error with a change in temperature. Bipolar
zero temperature coefficient is expressed in ppm FSR/°C.
Offset Error
Offset error is the deviation of the analog output from the ideal
and is measured using ¼ scale and ¾ scale digital code
measurements. Offset error is expressed in % FSR.
Offset Error Temperature Coefficient
Offset error temperature coefficient is a measure of the change
in the offset error with a change in temperature. Offset error
temperature coefficient is expressed in ppm FSR/°C.
Gain Error
Gain error is a measure of the span error of the DAC and is the
DAC transfer characteristic slope deviation from the ideal
value. Gain error is expressed in % FSR.
Gain Error Temperature Coefficient
Gain error temperature coefficient is a measure of the change
in gain error with changes in temperature. Gain error
temperature coefficient is expressed in ppm FSR/°C.
Full-Scale Error
Full-scale error is a measure of the output error when full-scale
code is loaded to the DAC output register. Ideally, the output is
full-scale – 1 LSB. Full-scale error is expressed in % FSR.
VOUT or−VSENSE Common-Mode Rejection Ratio (CMRR)
VOUT or −VSENSE CMRR is the error in VOUT that occurs because
of changes in −VSENSE.
Reference Thermal Hysteresis
Voltage reference thermal hysteresis is the difference in output
voltage measured at +25°C compared to the output voltage
measured at +25°C after cycling the temperature from +25°C to
−40°C, then to +105°C, and then back to +25°C.
Reference Temperature Coefficient
Voltage reference temperature coefficient is a measure of the
change in the reference output voltage with a change in
temperature. To calculate the voltage reference temperature
coefficient, use the box method. This method defines the
temperature coefficient as the maximum change in the reference
output over a given temperature range expressed in ppm/°C, and
is calculated as follows:





__
6
_
10
REF MAX
REF MIN
REF NOM
VV
TC
VTemperature Range
where:
VREF_MAX is the maximum reference output measured over the
total temperature range.
VREF_MIN is the minimum reference output measured over the
total temperature range.
VREF_NOM is the nominal reference output voltage, which in this
case is 2.5 V.
Temperature Range is the specified temperature range, −40°C
to +105°C.
Line Regulation
Line regulation is the change in reference output voltage that
occurs because of a specified change in power supply voltage.
Line regulation is expressed in ppm/V.
Load Regulation
Load regulation is the change in reference output voltage that
occurs because of a specified change in reference load current.
Load regulation is expressed in ppm/mA.
Output Voltage Settling Time
Output voltage settling time is the amount of time the output
takes to settle to a specified level for a full-scale input change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com