Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5413 Datasheet(PDF) 40 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD5413 Datasheet HTML 36Page - Analog Devices AD5413 Datasheet HTML 37Page - Analog Devices AD5413 Datasheet HTML 38Page - Analog Devices AD5413 Datasheet HTML 39Page - Analog Devices AD5413 Datasheet HTML 40Page - Analog Devices AD5413 Datasheet HTML 41Page - Analog Devices AD5413 Datasheet HTML 42Page - Analog Devices AD5413 Datasheet HTML 43Page - Analog Devices AD5413 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
AD5413
Data Sheet
Rev. 0 | Page 40 of 49
User Gain Register
Address: 0x04, Reset: 0x04FFFC, Name: USER_GAIN
The 14 USER_GAIN bits allow the user to adjust the gain of the DAC channel in steps of 1 LSB. The USER_GAIN register coding is straight
binary. The default code is 0xFFFC. Theoretically, the gain can be tuned across the full range of the output. However, the maximum
recommended gain trim is approximately 50% of the programmed range to maintain accuracy.
Table 26. Bit Descriptions for USER_GAIN
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register Address.
0x0
R
[15:2]
USER_GAIN
User Gain Correction Code.
0x3FFF
R/W
[1:0]
RESERVED
Do not write to these bits.
0x0
R/W
User Offset Register
Address: 0x05, Reset: 0x058000, Name: USER_OFFSET
The USER_OFFSET register allows the user to adjust the DAC channel offset by −8192 LSBs to +8192 LSBs in steps of 1 LSB. The
USER_OFFSET register coding is straight binary. The default code is 0x8000, which results in zero offset programmed to the output.
Table 27. Bit Descriptions for USER_OFFSET
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register Address.
0x0
R
[15:2]
USER_OFFSET
User Offset Correction Code.
0x2000
R/W
[1:0]
RESERVED
Do not write to these bits.
0x0
R/W
DAC Configuration Register
Address: 0x06, Reset: 0x060C00, Name: DAC_CONFIG
The DAC_CONFIG register configures the DAC (range, internal or external RSET, and output enable), enables the output stage circuitry,
and configures the slew rate control function.
Table 28. Bit Descriptions for DAC_CONFIG
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register Address.
0x0
R
[15:13]
SR_STEP
Slew Rate Step. In conjunction with the slew rate clock, the slew rate step defines how much
the output value changes at each update. Together, both parameters define the rate of
change of the output value.
0x0
R/W
000: 4 LSB (default).
001: 12 LSB.
010: 64 LSB.
011: 120 LSB.
100: 256 LSB.
101: 500 LSB.
110: 1820 LSB.
111: 2048 LSB.
[12:9]
SR_CLOCK
Slew Rate Clock. The slew rate clock defines the rate at which the digital slew is updated.
0x6
R/W
0000: 240 kHz.
0001: 200 kHz.
0010: 150 kHz.
0011: 128 kHz.
0100: 64 kHz.
0101: 32 kHz.
0110: 16 kHz (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com