Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100BCPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADIN1100BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100BCPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADIN1100BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
Data Sheet
ADIN1100
BRINGING UP 10BASE-T1L LINKS
analog.com
Rev. 0 | 27 of 78
Table 22. ADIN1100 Unique Identifier Values
Description
Bit Name
Value
Organizationally Unique Identifier,
Bits[3:18]
MMD1_DEV_ID1
0x283
Organizationally Unique Identifier,
Bits[19:24]
MMD1_DEV_ID2_OUI
0x2F
Model Number, Bits[6:0]
MMD1_MODEL_NUM
0x8
Revision Number, Bits[6:0]
MMD1_REV_NUM
0x1
When a valid read of the IEEE OUI is done, the system ready
bit (CRSM_SYS_RDY) can also be read to verify that the start-up
sequence is complete and the system is ready for normal operation.
The software power-down status bit (CRSM_SFT_PD_RDY) can be
read to check if the device is in the software power-down state. This
bit is also controlled by the SWPD_EN hardware configuration pin
signal.
Configuring the Device for Linking
After power-up or reset, configure the ADIN1100 for the desired
operation for linking. The ADIN1100 may already be configured as
required by the hardware configuration pins, but greater control is
available using the management registers.
The autonegotiation process is used to match the operating mode
between a local and remote PHY. For example, autonegotiation is
used to ensure that the modes agree between the two devices on
which PHY operates as master and which as slave. Autonegotiation
is also used to match the transmit level between the two PHYs.
Autonegotiation is enabled by default for the ADIN1100, and it is
strongly recommended to always keep Autonegotiation enabled.
Autonegotiation is defined by the IEEE standard and includes a
number of mechanisms to ensure robust linking operation between
PHYs and is the fastest way to bring up a link.
Configuration of Transmit Level Mode
Overview
The ADIN1100 can support transmit level operation at either 1.0
V p-p or 2.4 V p-p if the B10L_TX_LVL_HI_ABLE bit is set to 1
and a 3.3 V supply is provided on the AVDD_H pins. The higher
transmit level can support longer reach but also has higher power
consumption.
The ADIN1100 can support 1.0 V p-p transmit level operation with a
1.8 V supply on the AVDD_H pins at very low power consumption.
The ADIN1100 can either be configured to advertise support of both
1.0 V p-p and 2.4 V p-p transmit level operation or to advertise
support of only 1.0 V p-p transmit level operation. Refer to the
Transmit Level Mode Advertisement section for more details.
1.0 V p-p transmit level operation is required for intrinsically safe
operation.
Enable High Voltage Transmit Ability
The high voltage transmit ability is set using the TX2P4_EN hard-
ware configuration pin signal, which internally sets the high voltage
transmit ability bit, B10L_TX_LVL_HI_ABLE (read only), as descri-
bed in the Transmit Amplitude section.
Enable 1.0 V p-p and 2.4 V p-p Transmit Levels
To allow both 1.0 V p-p and 2.4 V p-p transmit level operation, set
AN_ADV_B10L_TX_LVL_HI_ABL to 1 to indicate that the device
is capable of 2.4 V p-p transmit level operation (a 3.3 V supply is
required on the AVDD_H pins).
Set 2.4 V p-p Transmit Level as Preferred
If 2.4 V p-p transmit level operation is preferred, set
AN_ADV_B10L_TX_LVL_HI_REQ to request 2.4 V p-p transmit
level operation. Autonegotiation determines the transmit level that
the link operates at.
Set 1.0 V p-p Transmit Level as Preferred
If 1.0 V p-p transmit level operation is preferred, set
AN_ADV_B10L_TX_LVL_HI_REQ to 0. Autonegotiation determines
the transmit level that the link operates at.
Enable 1.0 V p-p Transmit Level Only
If it is required to only operate the PHY at 1.0 V p-p transmit level
operation, set AN_ADV_B10L_TX_LVL_HI_ABL = 0 so that 2.4 V
p-p transmit level operation is not advertised.
In this case, autonegotiation can only resolve to 1.0 V p-p transmit
level operation, irrespective of the setting that the remote PHY
advertises. For very long cable lengths, depending on the charac-
teristics of the cable, it may not be possible to bring up a link at 1.0
V p-p operation.
When a high level transmit is disabled through the RXD_D0/
TX2P4_EN pin, the AVDD_H supply can be supplied from either
1.8 V or 3.3 V for 1.0 V p-p transmit level operation.
Transmit Level Mode Advertisement
Enable High Voltage Transmit Ability
The AVDD_H power rail must be provided with a 3.3 V supply for
the ADIN1100 to support the 2.4 V p-p transmit level.
The high voltage transmit ability is enabled on the ADIN1100 by
setting the TX2P4_EN hardware configuration pin signal low during
power-up, hardware reset, or software reset. The transmit ability
bit, B10L_TX_LVL_HI_ABLE (read only), is set automatically to the
defined hardware configuration as follows:
►
B10L_TX_LVL_HI_ABLE = 0: 1.0 V p-p only ability
►
B10L_TX_LVL_HI_ABLE = 1: 1.0 V p-p and 2.4 V p-p ability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com