Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100BCPZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADIN1100BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100BCPZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADIN1100BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
Data Sheet
ADIN1100
ETHERNET CLAUSE 45 REGISTER DETAILS
analog.com
Rev. 0 | 62 of 78
PHY MAC INTERFACE RESET REGISTER
Device Address: 0x1E; Register Address: 0x8815, Reset: 0x0000, Name: CRSM_MAC_IF_RST
Table 94. Bit Descriptions for CRSM_MAC_IF_RST
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
CRSM_MAC_IF_RST
PHY MAC Interface Reset. The PHY MAC interface reset register allows a managed PHY MAC interface
reset to be initiated. When the PHY MAC interface is reset, normal operation resumes, and the bit self
clears.
0x0
R/W SC
SYSTEM STATUS REGISTER
Device Address: 0x1E; Register Address: 0x8818, Reset: 0x0000, Name: CRSM_STAT
Table 95. Bit Descriptions for CRSM_STAT
Bits
Bit Name
Description
Reset
Access
[15:2]
RESERVED
Reserved.
0x0
R
1
CRSM_SFT_PD_RDY
Software Power-Down Status. This bit indicates that the system is in the software power-down state.
0x0
R
0
CRSM_SYS_RDY
System Ready. This bit indicates that the start-up sequence is complete and the system is ready for
normal operation.
0x0
R
CRSM POWER MANAGEMENT CONTROL REGISTER
Device Address: 0x1E; Register Address: 0x8819, Reset: 0x0000, Name: CRSM_PMG_CNTRL
Table 96. Bit Descriptions for CRSM_PMG_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
CRSM_FRC_OSC_EN
Force Digital Boot Oscillator Clock Enable.
0x0
R/W
MAC INTERFACE CONFIGURATION REGISTER
Device Address: 0x1E; Register Address: 0x882B, Reset: 0x0000, Name: CRSM_MAC_IF_CFG
Configure the MAC interface only by pins. Do not change by software.
Table 97. Bit Descriptions for CRSM_MAC_IF_CFG
Bits
Bit Name
Description
Reset
Access
15
CRSM_RMII_CLK50
This Bit Indicates If the RMII REF_CLK Frequency is 50 MHz or 25 MHz. Only for
debugging purposes.
Pin dependent
R/W
14
CRSM_RMII_CLK_EN
CRSM RMII Clock Enable Status. This bit indicates if the RMII clock generation is
enabled.
Pin dependent
R/W
[13:9]
RESERVED
Reserved.
0x0
R
8
CRSM_RMII_MEDIA_CNV_EN
Media Converter Enable. When this bit is 1, the media converter functionality for the
RMII MAC interface mode is enabled. Note that the media converter functionality can
only be enabled if an RMII MAC interface is being used.
Pin dependent
R/W
[7:5]
RESERVED
Reserved.
0x0
R
4
CRSM_RMII_EN
RMII MAC Interface Enable. Enable RMII MAC interface mode. Do not set
CRSM_RGMII_EN and CRSM_RMII_EN at the same time. Configure the MAC
interface only by pins. Do not change by software.
Pin dependent
R/W
[3:1]
RESERVED
Reserved.
0x0
R
0
CRSM_RGMII_EN
RGMII MAC Interface Enable. Enable RGMII MAC interface mode. Do not set
CRSM_RGMII_EN and CRSM_RMII_EN at the same time. Configure the MAC
interface only by pins. Do not change by software.
Pin dependent
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com