Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100BCPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADIN1100BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100BCPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADIN1100BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
Data Sheet
ADIN1100
THEORY OF OPERATION
analog.com
Rev. 0 | 19 of 78
Autonegotiation Fail
The autonegotiation can fail and can be caused by various scenar-
ios.
►
Configuration fault such as invalid master/slave configuration
►
Link quality issues
►
Timeout in pages transmission
If the autonegotiation fails, the link remains down until the autone-
gotiation process is restarted and completed.
MANAGEMENT INTERFACE
The MII management interface provides a 2-wire serial interface
between a host controller or external MAC chip and the ADIN1100
allowing access to control and status information in the subsystem
and PHY core management registers.
The MII management interface consists of the following:
►
MDC: clock line
►
MDIO: bidirectional data line
►
PHYAD_0, PHYAD_1, PHYAD_2: PHY address selection
►
INT: configurable management interrupt
The interface is compatible with both IEEE Standard 802.3 Clause
22 and Clause 45 management frame structures (see the Register
Summary section).
MDI Interface
The MDI connects the ADIN1100 to the Ethernet network via a
twisted wire pair.
The ADIN1100 requires an external hybrid circuit between the
TXN/TXP and RXN/RXP pins and the 10BASE-T1L twisted wire
pair. This function of the hybrid is to remove the local transmitted
signal from the combined signal on the cable, thereby allowing full
duplex operation on the 10BASE-T1L twisted wire pair.
An example circuit with the recommended topology and compo-
nents values is shown in Figure 13. Consider the size, power, and
voltage rating of these components in the context of other system
requirements, for example, requirements for intrinsic safety.
Figure 13. Recommended Hybrid for the ADIN1100
Hardware Interrupt (INT)
The ADIN1100 can generate a hardware interrupt to a host control-
ler or external MAC chip using the INT pin.
PHY Status Interrupts
The following conditions can be selected to generate an interrupt:
►
MAC interface frame checker/generator interrupt
►
MAC interface buffers overflow/underflow interrupt
►
Autonegotiation status change interrupt
►
Link status change interrupt
Those conditions can be set to enable an interrupt on the INT
pin using PHY_SUBSYS_IRQ_MASK (see the PHY Subsystem
Interrupt Mask Register section).
Following a hardware interrupt on the INT pin, the interrupt source
can be checked using PHY_SUBSYS_IRQ_STATUS (see the PHY
Subsystem Interrupt Status Register section).
Hardware Reset Interrupt
The ADIN1100 can also be configured to generate a hardware in-
terrupt after a hardware reset (RESET pin pulled low) by setting the
enable hardware reset interrupt bit (CRSM_HRD_RST_IRQ_EN)
in CRSM_IRQ_MASK (see the System Interrupt Mask Register
section).
Following a hardware interrupt on the INT pin, the interrupt
source can be checked with the CRSM_HRD_RST_IRQ_LH bit
in CRSM_IRQ_STATUS (see the System Interrupt Status Register
section).
Software Requested Interrupt
For system validation with an external host controller, the ADIN1100
can be requested to generate a hardware interrupt on the INT pin
using the CRSM_SW_IRQ_REQ bit in CRSM_IRQ_MASK (see the
System Interrupt Mask Register section).
Following a hardware interrupt on the INT pin, the interrupt
source can be checked with the CRSM_SW_IRQ_LH bit in
CRSM_IRQ_STATUS (see the System Interrupt Status Register
section).
System Error Interrupts
The ADIN1100 can also generate system errors interrupts. The
interrupt flags are located within the reserved bit sections of
CRSM_IRQ_STATUS (see the System Interrupt Status Register
section).
CRSM_IRQ_MASK (see the System Interrupt Mask Register sec-
tion) must be configured to allow system error interrupts. Refer
to Table 90 for details on the interrupts mask. The ADIN1100
must be hardware reset to recover from a system error interrupt
(CRSM_IRQ_STATUS reserved bits read as 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com