Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100BCPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADIN1100BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100BCPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADIN1100BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
Data Sheet
ADIN1100
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 34 of 78
The output current for the LED_0 and LED_1 pins is 8 mA with
a VDDIO = 3.3 V (see the Specifications section for details). For
higher current requirements, consider using the circuit described in
the Transistor Controlled LED section.
Active High LED Polarity
In active high configuration, the LED_x pin can drive an external
LED from the anode side. Select the R0 and R1 resistors to control
the LED current (refer to the LED specifications in Table 1 for
information). External pull-down resistors (RPD0, RPD1) with a value
of 4.7 kΩ are recommended.
Figure 19. Active High LED Polarity Configuration
Active Low LED Polarity
In active low configuration, the LED_x pin can drive an external
LED from the cathode side. Select the R0 and R1 resistors to
control the LED current (refer to the LED specifications in Table 1
for information). External pull-up resistors (RPU0, RPU1) with a value
of 4.7 kΩ are recommended.
Figure 20. Active Low LED Polarity Configuration
Transistor Controlled LED
The following circuit displays a typical configuration where the LED
current required is higher than what the LED_0 and LED_1 pins
can supply. The circuit operates using the active high LED mode.
An external transistor such as an N channel MOSFET transistor
can be used. The transistor must be selected so that the gate input
capacitance is not sinking current above the maximum rating of the
LED_x pin during the actuation. Refer to the transistor technical
specifications for information. If required, the inrush current can be
reduced by placing a resistance between the transistor gate and the
ADIN1100 pin and/or adding a parallel capacitor between the GND
and the LED_x pin. The additional resistor and capacitor values
must be defined based on the transistor selection.
Select the R0 and R1 resistors to control the LED current (refer to
the selected LED and transistor specifications of the manufacturer
for information).
External pull-down resistors (RPD0, RPD1) with a value of 4.7 kΩ
are recommended. In Figure 21, VCC is the power supply used to
supply the LEDs.
Figure 21. Transistor Controlled LED Configuration
Autosense Polarity
In autosense mode, the polarity of the LED is automatically detect-
ed during power-up, hardware reset, or software reset. LED_0
(internal pull-up) and LED_1 (internal pull-down) have different
autosense behaviors due to their internal pull-up and pull-down
configurations. Use one of the configurations described in the
Active High LED Polarity, Active Low LED Polarity, and Transistor
Controlled LED sections so that the two LEDs can be controlled the
same way.
COMPONENT RECOMMENDATIONS
Crystal
The typical connection for an external crystal (XTAL) is shown
in Figure 22. To ensure minimum current consumption and to min-
imize stray capacitances, make connections between the crystal,
capacitors, and ground as close to the ADIN1100 as possible. Con-
sult individual crystal vendors for recommended load information
and crystal performance specifications.
The crystal specification defines CL. CPCB1 and CPCB2 are the
parasitic impedances of the PCB between XTAL_I/CLK_IN and
ground, and between XTAL_O and ground, respectively. CX1 is the
capacitor connected to XTAL_I/CLK_IN, and CX2 is the capacitor
connected to XTAL_O.
Assuming the following:
►
CPCB1 ≈ CPCB2 ≈ CPCBx
►
CX1 ≈ CX2 ≈ CXx
Then, CXx = 2 × CL – CPCBx – 3 pF
Choose precision capacitors for CXx with low appreciable tempera-
ture coefficient to minimize frequency errors.
To ensure minimum current consumption and to minimize stray ca-
pacitances, make the connections between the crystal, capacitors,
and ground as close to the ADIN1100 as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com