Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100BCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADIN1100BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100BCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIN1100BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
Data Sheet
ADIN1100
THEORY OF OPERATION
analog.com
Rev. 0 | 14 of 78
The ADIN1100 is a low power, single port 10BASE-T1L Ethernet
PHY device, compliant with the IEEE 802.3cg Ethernet standard for
long reach, 10 Mbps single pair Ethernet.
The ADIN1100 integrates the following features:
►
PHY core with common analog circuitry
►
Input and output clock buffering
►
MDIO interface to control subsystem registers, clock, and soft-
ware resets
►
MAC interface control logic
►
Hardware configuration pins
►
Configurable hardware interrupt pin
►
Two configurable LED pins
POWER SUPPLY DOMAINS
The ADIN1100 has four power supply domains and requires a
minimum of one supply rail.
►
AVDD_H is the analog power supply input for the analog front
end (AFE) circuitry in the ADIN1100.
►
AVDD_L is the analog supply voltage for the internal LDO cir-
cuits. AVDD_L can be connected to the AVDD_H rail in single
supply mode, or to an alternative lower voltage rail in dual
supplies mode for lower power consumption.
►
DVDD_1P1 is the 1.1 V digital core power supply input. It can
operate from the internal 1.1 V LDO output available on the
DLDO_1P1 pin. Alternatively, DVDD_1P1 can be driven from an
external 1.1 V supply for lower power consumption.
►
VDDIO is the digital power supply input for the ADIN1100 MAC
interface, MDIO, and digital inputs/outputs (I/Os). It can be con-
nected directly to the AVDD_L rail or to an external power rail.
The System Level Power Management section describes various
application circuits that can be used as reference.
Single-Supply Applications
In a single-supply application, connect AVDD_H and AVDD_L to
VDDIO and use the internal 1.1 V LDO circuit for DVDD_1P1. The
appropriate supply voltage used depends on the end application
and cable length. A recommended circuit is shown in the Single-
Supply Configuration section.
Long Reach and Trunk/Spur Applications
The 1.0 V p-p transmit operating mode supports the spur use case
and can operate at a lower AVDD_H supply voltage of 1.8 V. This
mode supports intrinsic safety applications.
The higher transmit operating mode of 2.4 V p-p supports trunk
applications and requires a higher AVDD_H supply voltage of 3.3
V. This mode can be used for longer cable lengths in industrial
Ethernet environments with higher noise levels.
MAC INTERFACE
The ADIN1100 provides the option of MII, RMII, or RGMII MAC
interfaces. The MAC interface is selected using the hardware
configuration pins (RX_CLK/RXC/MACIF_SEL0 and RX_ER/MA-
CIF_SEL1) or via the management interface (MDIO). The two
hardware configuration pins for MAC interface selection strap the
ADIN1100 configuration after power-up, hardware reset, or software
reset.
By default (hardware configuration pins floating), the MAC interface
is configured in RMII mode. See the MAC Interface Selection for
more details on how to configure the MAC interface using the
hardware configuration pins.
It is recommended to use the hardware configuration pins for the
MAC interface selection because the supported interfaces have
different clock and pin mapping requirements.
MII Interface Mode
For the MII receive interface, the ADIN1100 generates a 2.5 MHz
reference clock on RX_CLK to synchronize the RXD_3 to RXD_0
receive data signals. RX_DV indicates to the MAC that valid data
is present on the RXD_3 to RXD_0 signals. RX_ER is driven high
by the ADIN1100 if an error was detected in the frame that was
received from the MDI interface and is being transmitted to the
MAC interface.
For the MII transmit interface, the ADIN1100 generates a 2.5 MHz
reference clock on TX_CLK. The MAC transmits data on TXD_3
to TXD_0 that is synchronized with TX_CLK. The MAC asserts
TX_EN high to indicate to the ADIN1100 that transmission data is
available on the TXD_3 to TXD_0 signal lines.
Figure 10. MII MAC PHY Interface Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com