Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100BCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADIN1100BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100BCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADIN1100BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
Data Sheet
ADIN1100
THEORY OF OPERATION
analog.com
Rev. 0 | 17 of 78
Transmit Amplitude Resolution
Overview
Autonegotiation supports the following features to define the trans-
mit amplitude to use between a local node and its link partner:
►
Advertise the high voltage transmit ability from the local node
►
Request to use the high voltage transmit level from the local
node
►
Read the link partner transmit level ability and transmit level
request
►
Autonegotiation and transmit level operating mode selection
If the ADIN1100 is configured in high voltage mode, the autonego-
tiation process determines the level to use based on the link partner
capabilities.
Determination of Transmit Level Resolution
If either the local or remote PHY advertises that it is not capable of
supporting the high level (2.4 V p-p) transmit operating mode or if
neither the local nor remote PHY advertises a request for high level
(2.4 V p-p) transmit operating mode, the result is operation at the
1.0 V p-p transmit level.
If both the local and remote PHYs advertise that they are capable
of transmitting in the high level (2.4 V p-p) transmit operating mode
and if either the local or remote PHY advertises a request for high
level (2.4 V p-p) transmit operating mode, the result is operation at
the 2.4 V p-p transmit level.
Thus, a PHY can ensure that the device must operate at the 1.0 V
p-p transmit level. But it can only request operation at the 2.4 V p-p
transmit level.
Software Configuration
The ADIN1100 transmit level can also be configured in software us-
ing the following 10BASE-T1L autonegotiation advertisement bits:
►
AN_ADV_B10L_TX_LVL_HI_ABL: high level transmit operating
mode ability bit
►
AN_ADV_B10L_TX_LVL_HI_REQ: high level transmit operating
mode request register bits
The higher transmit level must be enabled with the TX2P4_EN
hardware configuration pin signal to configure the two autonegotia-
tion advertisement bits through software. See the Transmit Ampli-
tude section for details.
If it is required to only operate the PHY at 1.0 V p-p transmit level
operation, clear the AN_ADV_B10L_TX_LVL_HI_ABL bit, so that
2.4 V p-p transmit level operation is not advertised. In this case, au-
tonegotiation can only resolve to 1.0 V p-p transmit level operation,
irrespective of the setting that the remote PHY advertises.
Table 11. Determination of Transmit Level by Autonegotiation1
AN_LP_ADV_B10L_TX_LVL_HI_ABL
AN_LP_ADV_B10L_TX_LVL_HI_REQ AN_ADV_B10L_TX_LVL_HI_ABL LP_AN_ADV_B10L_TX_LVL_HI_REQ
Transmit
Level
0
X
0
X
1.0 V p-p
1
X
0
X
1.0 V p-p
0
X
1
X
1.0 V p-p
1
0
1
0
1.0 V p-p
1
0
1
1
2.4 V p-p
1
1
1
0
2.4 V p-p
1
1
1
1
2.4 V p-p
1 X means don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com