Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100BCPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADIN1100BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100BCPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIN1100BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
Data Sheet
ADIN1100
HARDWARE CONFIGURATION PINS
analog.com
Rev. 0 | 23 of 78
OVERVIEW
The ADIN1100 can operate in unmanaged or managed configura-
tions with the use of the hardware configuration pins.
The hardware configuration pins are standard pins with an alternate
bootstrap function. The ADIN1100 reads the configuration pin level
immediately after power-up, hardware reset, or software reset,
and configures the PHY settings accordingly. When active, the
ADIN1100 immediately attempts to bring up a link and the hardware
configuration pins can then be used with their main pin function.
These pins can be used in unmanaged or managed configuration.
The unmanaged configuration refers to the ADIN1100 operating
in standalone mode. This mode can be used when the system
requires a static configuration of the ADIN1100 without the need for
software control and an external host controller.
The managed configuration refers to the use of an external host
such as a microcontroller to control and manage the ADIN1100
by software over the MDIO interface. The configuration pins can
be connected to the external host or hardware configured using
pull-up/pull-down resistors. When active, the host controller can
override any of the ADIN1100 hardware configurations set by the
hardware pins after power-up, hardware reset, or software reset.
UNMANAGED APPLICATIONS
In unmanaged applications, it is possible to configure the desired
operation of the ADIN1100 using hardware configuration pins with-
out any software intervention. The hardware configuration pins set
the default values of the corresponding management registers after
power-up, hardware reset, or software reset.
Software power-down after reset must be disabled for unmanaged
applications or the ADIN1100 remains in power-down indefinitely
because the device can only exit power-down from register oper-
ation using the management interface (see the Software Power-
Down Mode section).
MANAGED APPLICATIONS
In managed applications, the ADIN1100 can be configured by a
host controller via the management interface. The host controller
can dynamically configure the device as required by the application.
In managed applications, the software power-down after reset func-
tionality can be enabled as the host controller brings the ADIN1100
to active mode using the management interface.
HARDWARE CONFIGURATION PIN
FUNCTIONS
Overview
The following functions are configurable from the ADIN1100 hard-
ware configuration pins:
►
PHY address
►
Software power-down mode after reset
►
Transmit amplitude configuration
►
Master/slave selection
►
MAC interface selection (RMII/MII)
►
Media converter operation
All of the hardware configuration pins have internal pull-down resis-
tors. The default mode of operation is shown in Table 14. If an
alternative mode of operation is required, refer to Table 15 for the
suggested external pin control.
Table 14. Default Hardware Configuration Modes
Hardware Configuration Pin Function
Default Mode (Pin Floating)
PHY Address
0x0
Software Power-Down Mode After Reset
Enabled
Master/Slave Selection
Prefer slave
Transmit Amplitude
Both 1.0 V p-p and 2.4 V p-p
MAC Interface Selection
RMII
Media Converter
Normal PHY operation
Table 15. Recommended Control for Hardware Configuration Pins
Required
Pin Level
Managed Configuration
Options
Unmanaged Configuration
Options
High
4.7 kΩ external pull-up resistor 4.7 kΩ external pull-up resistor
Host GPIO output high1
Low
External pull-down resistor
External pull-down resistor
Host GPIO output low1
Floating pin2
Host GPIO tristated2
Floating pin2
1 A low value series resistor is recommended.
2 External pull-down resistor is recommended.
Media Converter
The ADIN1100 can operate as a media converter, which allows
a 10BASE-T PHY to be connected directly to the ADIN1100 via
the RMII or RGMII interface. The ADIN1100 can connect to a
10BASE-T1L remote PHY via the MDI pins.
In RMII mode, the MEDIA_CNV hardware configuration strap pin
can be used to enable the media converter functionality by default
after reset or power cycle. Alternatively, the media converter can
be configured via the CRSM_RMII_MEDIA_CNV_EN bits (see the
MAC Interface Configuration Register section).
In RGMII mode, the ADIN1100 can be directly connected to another
RGMII device without any media configuration requirements.
The MEDIA_CNV hardware configuration pin signal is shared with
TXD_3, which is not used in RGMII mode (see the MAC Inter-
face section). The TXD_3/MEDIA_CNV pin has a weak internal
pull-down resistor. Thus, by default, the ADIN1100 is configured for
normal PHY operation (for example, external MAC chip connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com