Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100BCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADIN1100BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100BCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIN1100BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
Data Sheet
ADIN1100
THEORY OF OPERATION
analog.com
Rev. 0 | 18 of 78
Master/Slave Advertisement
Master/Slave Configuration Advertisement
The master/slave configuration register bit (AN_ADV_MST) is used
to configure the PHY to advertise its master/slave configuration.
Note that this bit is configured after power-up, hardware reset, or
software reset based on the MS_SEL configuration pin signal status
and can be overridden by software via the MDIO interface.
Forced Master/Slave Configuration
Advertisement
If it is mandatory for the PHY to operate as a master (or slave), use
the advertise forced configuration. Forced configuration must be
used with caution because a configuration fault can occur if the link
partner is also set in forced mode as a master (or slave) resulting
in autonegotiation failure. The ADIN1100 can be forced to operate
as a master or slave using the force master/slave configuration
register bit (AN_ADV_FORCE_MS).
Read Link Partner Master/Slave Configuration
The link partner advertised master/slave setting can be read using
the following bits:
►
AN_LP_ADV_FORCE_MS: link partner force master/slave con-
figuration register bit
►
AN_LP_ADV_MST: link partner master/slave configuration regis-
ter bit
These bits are updated during the autonegotiation process and
are valid when the autonegotiation complete register bit (AN_COM-
PLETE) is set.
Master/Slave Resolution
Determination of Master/Slave Configuration
When the local and remote PHYs have the same preferred config-
uration, for example, both slave or both master, autonegotiation
randomly assigns compatible configurations to the local and remote
PHYs. When one PHY has a forced configuration, its master/slave
configuration is given priority over a PHY with a preferred setting.
Master/Slave Configuration Resolution
The ADIN1100 master/slave configuration defined by the autonego-
tiation can be checked using the master/slave resolution result
register bits (AN_MS_CONFIG_RSLTN). The bits indicate if the
PHY is configured as master or slave or if there was a configuration
fault.
These bits are updated during the autonegotiation process and
are valid when the autonegotiation complete register bit (AN_COM-
PLETE) is set.
Table 12. Determination of Master/Slave by Autonegotiation
Local1
Remote1
Local
Remote
AN_ADV_FORCE_MS
AN_ADV_MST
AN_LP_ADV_FORCE_MS
AN_LP_ADV_MST
Master/Slave Resolution
0
0
0
0
Master/slave
Slave/master
0
0
0
1
Slave
Master
0
1
0
0
Master
Slave
0
1
0
1
Master/slave
Slave/master
0
X
1
0
Master
Slave
0
X
1
1
Slave
Master
1
0
0
X
Slave
Master
1
1
0
X
Master
Slave
1
0
1
0
Configuration fault
Configuration fault
1
0
1
1
Slave
Master
1
1
1
0
Master
Slave
1
1
1
1
Configuration fault
Configuration fault
1 X means don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com