Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100BCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADIN1100BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100BCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADIN1100BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
Data Sheet
ADIN1100
Robust, Industrial, Low Power 10BASE-T1L PHY
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
10BASE-T1L IEEE Standard 802.3cg-2019 compliant
►
Supports 1.0 V p-p and 2.4 V p-p transmit levels
►
Supports intrinsic safety applications
►
Cable reach
►
<1700 meters with 1.0 V p-p
►
<1700 meters with 2.4 V p-p
►
Low power consumption
►
Single supply 1 V p-p: 45 mW typical
►
Dual supply 1 V p-p: 39 mW typical
►
Diagnostics
►
Frame generator and checker
►
Multiple loopback modes
►
IEEE test mode support
►
Link and cable diagnostics
►
MII, RMII, and RGMII MAC interfaces
►
MDIO management interface
►
Unmanaged configuration using pin strapping
►
25 MHz crystal or external clock input (50 MHz for RMII)
►
Single or dual supply with 1.8 V or 3.3 V operation
►
3.3 V, 2.5 V, or 1.8 V MAC interface VDDIO supply
►
Integrated power supply monitoring and POR
►
EMC test standards
►
IEC 61000-4-4 EFT (±4 kV)
►
IEC 61000-4-2 ESD (±4 kV contact discharge)
►
IEC 61000-4-2 ESD (±8 kV air discharge)
►
IEC 61000-4-5 surge (±4 kV)
►
IEC 61000-4-6 conducted immunity (10 V/m)
►
IEC 61000-4-3 radiated immunity (Class A)
►
EN 55032 radiated emissions (Class B)
►
Small package: 40-lead, 6 mm × 6 mm LFCSP
►
Temperature range
►
Industrial: −40°C to +85°C
►
Extended: −40°C to +105°C
APPLICATIONS
►
Process control
►
Factory automation
►
Building automation
►
Field instruments and switches
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADIN1100 is a low power, single port, 10BASE-T1L transceiver
designed for industrial Ethernet applications and is compliant with
the IEEE® 802.3cg-2019™ Ethernet standard for long reach 10
Mbps single pair Ethernet (SPE). The ADIN1100 integrates an
Ethernet PHY core with all the associated analog circuitry, input and
output clock buffering, the management interface control register
and subsystem registers, as well as the MAC interface and control
logic to manage the reset, clock control, and pin configuration.
The ADIN1100 supports cable reach of up to 1700 meters with
autonegotiation enabled and has ultra low power consumption of 39
mW.
The PHY core supports the 1.0 V p-p operating mode and the 2.4 V
p-p operating mode defined in the IEEE 802.3cg standard and can
operate from a single power supply rail of 1.8 V or 3.3 V, with the
lower voltage option supporting the 1.0 V p-p transmit voltage level.
The ADIN1100 has an integrated voltage supply monitoring circuit
and power-on reset (POR) circuitry to improve system level robust-
ness.
The MDIO interface is a 2-wire serial interface for communication
between a host processor or MAC and the ADIN1100, thereby
allowing access to control and status information in the PHY core
management registers. This interface is compatible with both the
IEEE 802.3 Standard Clause 22 and Clause 45 management frame
structures.


Similar Part No. - ADIN1100BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIN1100BCPZ-R7 AD-ADIN1100BCPZ-R7 Datasheet
1Mb / 80P
Robust, Industrial, Low Power 10BASE-T1L PHY
Rev. B
More results

Similar Description - ADIN1100BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L80227 ETC1-L80227 Datasheet
689Kb / 140P
10BASE-T/ 100BASE-TX Ethernet PHY
logo
Microchip Technology
KSZ8081RNA MICROCHIP-KSZ8081RNA Datasheet
454Kb / 52P
10BASE-T/100BASE-TX PHY with RMII Support
06/23/16
logo
Texas Instruments
DP83826E TI1-DP83826E Datasheet
2Mb / 112P
DP83826E Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83826E TI1-DP83826E_V01 Datasheet
2Mb / 115P
DP83826 Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83TD510L TI-DP83TD510L Datasheet
1Mb / 45P
DP83TD510E Ultra Low Power 802.3cg 10Base-T1L 10M Single Pair Ethernet PHY
logo
Analog Devices
ADIN1100 AD-ADIN1100 Datasheet
696Kb / 50P
Robust, Industrial, Low Power 10BASE-T1L Ethernet PHY
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 104P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
10/2021-Revision 0
ADIN1300 AD-ADIN1300 Datasheet
1Mb / 79P
Robust, Industrial, Low Latency and Low Power 10 Mbps
10/2019-Revision 0
ADIN2111 AD-ADIN2111 Datasheet
1Mb / 125P
Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
12/2021-Revision 0
logo
Microchip Technology
LAN8670 MICROCHIP-LAN8670 Datasheet
575Kb / 30P
10BASE-T1S Ethernet PHY Transceiver Product Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com