Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100BCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADIN1100BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100BCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIN1100BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
Data Sheet
ADIN1100
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 12 of 78
Table 8. Pin Function Descriptions
Pin No.
Mnemonic1
PU/PD2
Description
6
LED_1
PD
General-Purpose, Programmable LED Indicator 1. The LED can be active high or
active low. By default, LED_1 is disabled. See the Status LEDs section.
LDO and Reference Decoupling
19
CEXT_2
N/A
External Decoupling for LDO Circuit. Connect a 0.1 μF capacitor to ground as close
as possible to this pin. Do not use this pin as a voltage source for an external
circuit.
20
CEXT_3
N/A
External Decoupling for LDO Circuit. Connect a 1 μF capacitor to ground as close
as possible to this pin. Do not use this pin as a voltage source for an external
circuit.
Power and Ground Pins
16, 17
AVDD_H
N/A
Analog Supply Voltage for the Various Analog Circuits in the Device. This supply
rail can be supplied by 1.8 V to 3.3 V depending on the transmit level configuration.
If AVDD_H is 3.3 V, both 1.0 V p-p and 2.4 V p-p transmit operating modes are
supported. If AVDD_H is 1.8 V, only 1.0 V p-p transmit operating mode is supported.
Connect 0.1 μF and 0.01 μF capacitors to GND as close as possible to this pin.
22
AVDD_L
N/A
Analog Supply Voltage for the Internal LDO Circuits. This supply rail can be
supplied by 1.8 V to 3.3 V. AVDD_L can be connected directly to the AVDD_H
rail in long reach applications or alternatively to the VDDIO rail when the device
is configured with dual supplies for lower power consumption. Connect 0.1 μF and
0.01 μF capacitors to GND as close as possible to this pin.
23
DLDO_1P1
N/A
Output from an Internal 1.1 V LDO Circuit. This pin can be connected to DVDD_1P1
to eliminate an additional power supply rail. Connect a 0.68 μF capacitor to ground
as close as possible to this pin.
24
DVDD_1P1
N/A
Input for 1.1 V DVDD_1P1 Supply Rail. When using the internal LDO regulator,
connect this pin directly to the DLDO_1P1 pin. Alternatively, an external 1.1 V rail
can be provided to the DVDD_1P1 pin for greater power efficiency. Connect a 0.1
µF to ground as close as possible to this pin.
35
VDDIO
N/A
3.3 V, 2.5 V, or 1.8 V Digital Power for MDIO and MAC Interface. Connect 0.1 μF
and 0.01 μF capacitors to GND as close as possible to the pin.
41
EP (GND)
N/A
Exposed Pad (Ground). This GND paddle must be connected to ground. The
LFCSP package has an exposed pad that needs to be connected to GND for
electrical reasons and must be soldered to a metal plate on the PCB for mechanical
reasons. A 4 × 4 array of thermal vias beneath the exposed GND pad is also
recommended.
Other Pins
10, 11, 18, 21
DNC
N/A
Do Not Connect. These pins must be left open circuit.
1 Where a pin is shared between a functional signal and a hardware configuration pin signal, the hardware configuration pin signal is listed last.
2 PU is pull-up, and PD is pull-down. The internal pull-up or pull-down resistor is predefined and nonconfigurable. N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com