Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100BCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADIN1100BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100BCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIN1100BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
Data Sheet
ADIN1100
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 78
RESET OPERATIONS
Overview
The ADIN1100 supports the following chip resets:
►
Power-on reset
►
Hardware reset
►
Software reset
►
MAC interface reset
►
PHY subsystem reset
All of these resets put the ADIN1100, including the PHY core, into a
known state. Whenever the PHY core is reset, the ADIN1100 MAC
interface output pins are driven to a low state.
Power-On Reset
The ADIN1100 includes a power supply monitoring circuit to ensure
that the chip has the correct voltage supply before initiating the
power-up sequence. During power-up, the ADIN1100 is held in
hardware reset until each of the supplies has crossed its minimum
rising threshold value and the power is considered good.
The power-on reset (POR) module includes brownout protection
by monitoring the voltage supplies to detect if the voltage level
falls below a minimum falling threshold value. If brownout detection
occurs, the device is held in hardware reset until the power is good.
Hardware Reset
A hardware reset is initiated by the power-on reset circuitry or
by asserting the RESET pin low for a minimum of 10 µs. The
ADIN1100 includes a deglitch circuitry on this pin to reject pulses
shorter than 1 µs.
When the RESET pin is deasserted, all the input/output (I/O) pins
are held in tristate mode, the hardware configuration pins are
latched, and the I/O pins are configured to their functional mode.
When all the external and internal supplies are valid and stable,
the crystal oscillator circuit is enabled. After the crystal has started
up and stabilized, the phase-locked loop (PLL) is enabled. After a
delay of 50 ms (maximum) from the deassertion of the RESET pin,
all the internal clocks are valid, the internal logic is released from
reset, and all the management interface registers are accessible
over the MDIO interface.
The CLK25_REF clock output stays low while the RESET pin is
asserted low and remains low for another 70 ms (maximum) after
the RESET pin is deasserted.
Software Reset
A full chip software reset is initiated by setting the software reset
bit (CRSM_SFT_RST). When this bit is set, the chip fully initializes,
almost equivalent to a hardware reset except that it does not go
through the voltage supply validation sequence. The I/O pins are
held in tristate mode, the hardware configuration pins are latched,
and then the I/O pins are configured to their functional mode.
The crystal oscillator circuit is enabled, and after the crystal has
started up and stabilized, the PLL is enabled. Approximately 10 ms
(maximum) after setting the CRSM_SFT_RST bit, the internal logic
is released from reset and all the management interface registers
are accessible. The system ready bit (CRSM_SYS_RDY) indicates
that the start-up sequence is complete and the system is ready for
normal operation.
The CLK25_REF clock output remains low for 25 ms (maximum)
following a software reset.
PHY Subsystem Reset
A PHY subsystem reset is initiated on the ADIN1100 by setting the
PHY subsystem reset register bit (CRSM_PHY_SUBSYS_RST) to
1. The reset is applied for typically 1.2 µs, and then this bit self
clears. All of the PHY digital circuitry is reset, and any available ac-
tive link drops. The PHY subsystem reset does not alter the values
of the management registers, which remain accessible throughout
the sequence. The subsystem reset is a short reset and can be
used to put the device into a known state while retaining the internal
register contents.
MAC Interface Reset
A MAC interface reset is initiated on the ADIN1100 by setting the
PHY MAC interface reset register bit (CRSM_MAC_IF_RST) to 1.
The reset is applied for typically 1.2 µs, and then this bit self clears.
A reset sequence is provided to the ADIN1100 MAC interface,
but without dropping the available active link. This reset interrupts
any packet transmission or reception on the MAC interface, but
does not drop an existing active link nor prevent a link from being
established. The MAC interface reset does not alter the values of
the management registers, which remain accessible throughout the
sequence.
STATUS LEDS
Overview
The LED_0 and LED_1 pins can be used to connect external
LEDs to indicate the ADIN1100 link status and transmit or receive
activity. The activity assigned to each LED is configurable through
LED_CNTRL (see the LED Control Register section).
The LED pins are suitable for ultra low power LEDs. The maximum
output current for the LED_0 and LED_1 pins is 8 mA with a
VDDIO = 3.3 V. For higher LED power requirements, the use of an
external transistor is recommended, as described in the Transistor
Controlled LED section.
The LED_x pins can also be connected to a host microcontroller
GPIO (configured as a pulse-width modulated input or hardware
interrupt). This configuration can be useful in applications where the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com