Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9001 Datasheet(PDF) 29 Page - Interpion semiconductor

Part # IP9001
Description  4-CH MOTOR DRIVE IC FOR PORTABLE CDP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9001 Datasheet(HTML) 29 Page - Interpion semiconductor

Back Button IP9001 Datasheet HTML 24Page - Interpion semiconductor IP9001 Datasheet HTML 25Page - Interpion semiconductor IP9001 Datasheet HTML 26Page - Interpion semiconductor IP9001 Datasheet HTML 27Page - Interpion semiconductor IP9001 Datasheet HTML 28Page - Interpion semiconductor IP9001 Datasheet HTML 29Page - Interpion semiconductor IP9001 Datasheet HTML 30Page - Interpion semiconductor IP9001 Datasheet HTML 31Page - Interpion semiconductor IP9001 Datasheet HTML 32Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
IP9001
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
September. 2003 (Rev.0)
- 29 -
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS CURVES
1
2
3
45678
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VBAT=Sweep
VCC1=VCC2=3.2V
PVCC=0.45V
VCHG=4.5V
Vref=1.6V
Mute34=High
Mute2=Brake1=Low
RL=open
VBAT (V)
IBAT(mA)
IBAT vs VBAT
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
3
4
5
6
7
8
9
10
ICC1+ICC2(mA)
VCC1=VCC2 (V)
VCC1=VCC2=Sweep
Vbat=2.4V
PVCC=0.45V
VCHG=0V
Vref=1.6V
MUTE34=High
Mute2=Brake1=Low
RL=open
ICC vs VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com