Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9001 Datasheet(PDF) 7 Page - Interpion semiconductor

Part # IP9001
Description  4-CH MOTOR DRIVE IC FOR PORTABLE CDP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9001 Datasheet(HTML) 7 Page - Interpion semiconductor

Back Button IP9001 Datasheet HTML 3Page - Interpion semiconductor IP9001 Datasheet HTML 4Page - Interpion semiconductor IP9001 Datasheet HTML 5Page - Interpion semiconductor IP9001 Datasheet HTML 6Page - Interpion semiconductor IP9001 Datasheet HTML 7Page - Interpion semiconductor IP9001 Datasheet HTML 8Page - Interpion semiconductor IP9001 Datasheet HTML 9Page - Interpion semiconductor IP9001 Datasheet HTML 10Page - Interpion semiconductor IP9001 Datasheet HTML 11Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
IP9001
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
September. 2003 (Rev.0)
- 7 -
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS - - - continued
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
[ BTL DRIVE PART ] - - - continued
CH2 mute on voltage
VM2ON
IN2=1.8V
2.0
-
-
V
CH2 mute off voltage
VM2OFF
IN2=1.8V
-
-
0.8
CH34 mute on voltage
VM34ON
IN3=IN4=1.8V
-
-
0.8
CH34 mute off voltage
VM34OFF
IN3=IN4=1.8V
2.0
-
-
VREF all mute on voltage
VREFON
IN1=IN2=IN3=IN4=1.8V
1.2
-
-
VREF all mute off voltage
VREFOFF
IN1=IN2=IN3=IN4=1.8V
-
-
0.8
[ PWM POWER SUPPLY DRIVE PART ]
PWM sink current
IPWM
IN1=2.1V
10
13
17
mA
PVCC level shift voltage
VSHIF
INI1=1.8V,PVCC-OUT1F
0.35
0.45
0.55
V
PWM amp transfer gain
GPWM
IN1=1.8V,PVCC=1.2~1.4V
16.7
20
25
uA/V
[ DC/DC CONVERTER PART - - - Error AMP ]
VCC1 threshold voltage
VS1TH
-
3.05
3.20
3.35
V
EAMPO output
high level voltage
VEOH
EAMPI=0.7V,IO= -100uA
0.9
1.1
-
EAMPO output
low level voltage
VEOL
EAMPI=1.3V,IO= 100uA
-
-
0.3
[ DC/DC CONVERTER PART - - - Short circuit protection ]
SPRT voltage normal
VSPR
EAMPI=1.3V
-
0
0.1
V
SPRT current1
ISPR1
EAMPI=0.7V
6
10
16
uA
SPRT current2
ISPR2
EAMPI=1.3V,OFF=0V
12
20
32
uA
SPRT current3
ISPR3
EAMPI=1.3V,VBAT=9.5V
12
20
32
uA
SPRT impedance
RSPR
-
175
220
265
K ohm
SPRT threshold voltage
VSCPTH
EAMPI=0.7,CT=470pF
1.10
1.20
1.30
V
Overvoltage protection
detection voltage
VOVP
OVP VOLTAGE
8
8.4
9.0
V
SENS resistance
RSENS
SEL=0V
17
24
30
K ohm
(Ta = 25
OC, VCC1=VCC2=3.2V, VBAT=2.4V, VREF=1.6V,
VCHG=0V, fclk=88.2KHz unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com